Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM357-RTR Datasheet(PDF) 189 Page - List of Unclassifed Manufacturers

Part # EM357-RTR
Description  High-Performance, Integrated ZigBee/802.15.4 System-on-Chip
PDF  240 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

EM357-RTR Datasheet(HTML) 189 Page - List of Unclassifed Manufacturers

Back Button EM357-RTR Datasheet HTML 185Page - List of Unclassifed Manufacturers EM357-RTR Datasheet HTML 186Page - List of Unclassifed Manufacturers EM357-RTR Datasheet HTML 187Page - List of Unclassifed Manufacturers EM357-RTR Datasheet HTML 188Page - List of Unclassifed Manufacturers EM357-RTR Datasheet HTML 189Page - List of Unclassifed Manufacturers EM357-RTR Datasheet HTML 190Page - List of Unclassifed Manufacturers EM357-RTR Datasheet HTML 191Page - List of Unclassifed Manufacturers EM357-RTR Datasheet HTML 192Page - List of Unclassifed Manufacturers EM357-RTR Datasheet HTML 193Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 189 / 240 page
background image
EM351 / EM357
ADC_CFG
ADC Configuration Register
Address: 0x4000D004 Reset: 0x00001800
31
30
29
28
27
26
25
24
0
0
0
0
0
0
0
0
23
22
21
20
19
18
17
16
0
0
0
0
0
0
0
0
15
14
13
12
11
10
9
8
ADC_PERIOD
ADC_HVSELP
ADC_HVSELN
ADC_MUXP
7
6
5
4
3
2
1
0
ADC_MUXP
ADC_MUXN
ADC_1MHZCLK
ADC_CFGRSVD
ADC_ENABLE
Bitname
Bitfield
Access
Description
ADC_PERIOD
[15:13]
RW
ADC sample time in clocks and the equivalent significant bits in the conversion.
0: 32 clocks (7 bits).
1: 64 clocks (8 bits).
2: 128 clocks (9 bits).
3: 256 clocks (10 bits).
4: 512 clocks (11 bits).
5: 1024 clocks (12 bits).
6: 2048 clocks (13 bits).
7: 4096 clocks (14 bits).
ADC_HVSELP
[12]
RW
Select voltage range for the P input channel.
0: Low voltage range (input buffer disabled).
1: High voltage range (input buffer enabled).
ADC_HVSELN
[11]
RW
Select voltage range for the N input channel.
0: Low voltage range (input buffer disabled).
1: High voltage range (input buffer enabled).
ADC_MUXP
[10:7]
RW
Input selection for the P channel.
0x0: PB5 pin.
0x1: PB6 pin.
0x2: PB7 pin.
0x3: PC1 pin.
0x4: PA4 pin.
0x5: PA5 pin.
0x8: GND (0V) (not for high voltage range).
0x9: VREF/2 (0.6V).
0xA: VREF (1.2V).
0xB: VDD_PADSA/2 (0.9V) (not for high voltage range).
0x6, 0x7, 0xC-0xF: reserved.
ADC_MUXN
[6:3]
RW
Input selection for the N channel.
Refer to ADC_MUXP above for choices.
ADC_1MHZCLK
[2]
RW
Select ADC clock: 0 = 6 MHz, 1 = 1 MHz.
ADC_CFGRSVD
[1]
RW
Reserved: this bit must always be set to 0.
ADC_ENABLE
[0]
RW
Enable the ADC: write 1 to enable continuous conversions, write 0 to stop.
When the ADC is started the first conversion takes twice the usual number of clocks plus
21 microseconds. If anything in this register is modified while the ADC is running, the next
conversion takes twice the usual number of clocks.
10-14
120-035X-000D
Preliminary



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com