Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM357-RTR Datasheet(PDF) 186 Page - List of Unclassifed Manufacturers

Part # EM357-RTR
Description  High-Performance, Integrated ZigBee/802.15.4 System-on-Chip
PDF  240 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

EM357-RTR Datasheet(HTML) 186 Page - List of Unclassifed Manufacturers

Back Button EM357-RTR Datasheet HTML 182Page - List of Unclassifed Manufacturers EM357-RTR Datasheet HTML 183Page - List of Unclassifed Manufacturers EM357-RTR Datasheet HTML 184Page - List of Unclassifed Manufacturers EM357-RTR Datasheet HTML 185Page - List of Unclassifed Manufacturers EM357-RTR Datasheet HTML 186Page - List of Unclassifed Manufacturers EM357-RTR Datasheet HTML 187Page - List of Unclassifed Manufacturers EM357-RTR Datasheet HTML 188Page - List of Unclassifed Manufacturers EM357-RTR Datasheet HTML 189Page - List of Unclassifed Manufacturers EM357-RTR Datasheet HTML 190Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 186 / 240 page
background image
EM351 / EM357
10-11
120-035X-000D
Preliminary
Parameter
Performance
INL (codes peak)
0.055
0.032
0.038
0.07
0.123
0.261
0.522
1.028
INL (codes RMS)
0.028
0.017
0.02
0.04
0.077
0.167
0.326
0.65
DNL (codes peak)
0.028
0.017
0.02
0.04
0.077
0.167
0.326
0.65
DNL (codes RMS)
0.01
0.006
0.006
0.007
0.008
0.013
0.023
0.038
ENOB
(from single-cycle test)
3.6
5.0
6.6
8.1
9.5
10.7
11.3
11.6
SNR (dB)
Single-Ended
Differential
23
23
32
32
41
41
50
50
59
59
65
66
67
69
68
71
SINAD (dB)
Single-Ended
Differential
23
23
32
32
41
41
50
50
58
59
64
66
66
69
66
71
SDFR (dB)
Single-Ended
Differential
48
48
56
57
65
65
72
74
72
82
72
88
73
88
73
88
THD (dB)
Single-Ended
Differential
-33
-33
-42
-42
-51
-51
-59
-60
-66
-69
-68
-76
-68
-80
-68
-82
ENOB (from SNR)
Single-Ended
Differential
3.6
3.6
5.1
5.1
6.6
6.6
8.1
8.1
9.5
9.5
10.5
10.7
10.9
11.3
11
11.5
ENOB (from SINAD)
Single-Ended
Differential
3.6
3.6
5.0
5.1
6.5
6.6
8.0
8.0
9.4
9.5
10.3
10.6
10.7
11.3
10.7
11.4
Equivalent ADC Bits
7
[15:9]
8
[15:8]
9
[15:7]
10
[15:6]
11
[15:5]
12
[15:4]
13
[15:3]
14
[15:2]
INL and DNL are referenced to a LSB of the Equivalent ADC Bits shown in the last row of Table 10-6. ENOB
(effective number of bits) can be calculated from either SNR (signal to non-harmonic noise ratio) or SINAD
(signal-to-noise and distortion ratio).
Table 10-9 lists other specifications for the ADC not covered in Table 10-6 and Table 10-7.
Table 10-9. ADC Specifications
Parameter
Min.
Typ.
Max.
Units
VREF
1.17
1.2
1.23
V
VREF output current
1
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com