Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

68HC05CL16 Datasheet(PDF) 104 Page - Motorola, Inc

Part # 68HC05CL16
Description  SPECIFICATION (General Release)
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

68HC05CL16 Datasheet(HTML) 104 Page - Motorola, Inc

Back Button 68HC05CL16 Datasheet HTML 100Page - Motorola, Inc 68HC05CL16 Datasheet HTML 101Page - Motorola, Inc 68HC05CL16 Datasheet HTML 102Page - Motorola, Inc 68HC05CL16 Datasheet HTML 103Page - Motorola, Inc 68HC05CL16 Datasheet HTML 104Page - Motorola, Inc 68HC05CL16 Datasheet HTML 105Page - Motorola, Inc 68HC05CL16 Datasheet HTML 106Page - Motorola, Inc 68HC05CL16 Datasheet HTML 107Page - Motorola, Inc 68HC05CL16 Datasheet HTML 108Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 145 page
background image
GENERAL RELEASE SPECIFICATION
June 11, 1997
MOTOROLA
LCD DRIVER
MC68HC05CL48
12-8
REV 2.0
12.4
LCD CONTROL REGISTER (LCDCR)
DISON - BIT 0
1 =
The Display is on when this bit is ’1’ and
0 =
off when this bit is ’0’. Setting this bit to ’0’ also disconnects the
voltage generator resistor chain from VSS, thus reducing power.
BIAS5 - Bits 2
1 =
Select 5:1 bias voltage levels.
0 =
Select 4:1 bias voltage levels.
MX8 - bit 3
1 =
the system operates with 53 frontplanes and 8 backplanes,
0 =
the system operates with 45 frontplanes and 16 backplanes.
CC0 - CC3 - bits 4,5,6,7
These bits can be used to select the values of the contrast control resistors.
1 =
the corresponding resistor will be shorted. On reset these bits are
set to 1.
Table 12-3. LCD Voltage Characteristic
VLCD=5.0volts
4:1 bias Voltage (volts)
Typical Values
5:1 bias Voltage (volts)]
Typical Values
V5
5.0
5.0
V4
3.75
4.0
V3
2.5
3.0
V2
2.5
2.0
V1
1.25
1.0
V0
0.0
0.0
76543210
LCDCR
$0007
READ
CC3
CC2
CC1
CC0
MX8
BIAS5
DISON
WRITE
RESET
111100
-
0
U = UNAFFECTED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com