Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

68HC05CL16 Datasheet(PDF) 108 Page - Motorola, Inc

Part # 68HC05CL16
Description  SPECIFICATION (General Release)
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

68HC05CL16 Datasheet(HTML) 108 Page - Motorola, Inc

Back Button 68HC05CL16 Datasheet HTML 104Page - Motorola, Inc 68HC05CL16 Datasheet HTML 105Page - Motorola, Inc 68HC05CL16 Datasheet HTML 106Page - Motorola, Inc 68HC05CL16 Datasheet HTML 107Page - Motorola, Inc 68HC05CL16 Datasheet HTML 108Page - Motorola, Inc 68HC05CL16 Datasheet HTML 109Page - Motorola, Inc 68HC05CL16 Datasheet HTML 110Page - Motorola, Inc 68HC05CL16 Datasheet HTML 111Page - Motorola, Inc 68HC05CL16 Datasheet HTML 112Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 145 page
background image
GENERAL RELEASE SPECIFICATION
June 11, 1997
MOTOROLA
PHASE-LOCKED LOOP
MC68HC05CL48
13-2
REV 2.0
13.1
PLL CONTROL AND STATUS REGISTER (PCSR $000D)
PON - PLL power on/off bit.
1 =
PLL is switched on.
0 =
PLL is switched off.
PCLK - PLL Clock select bit.
1 =
Use PLL clock.
0 =
Use external clock.
FREQ1 - Frequency select bit 1.
FREQ0 - Frequency select bit 0.
13.2
PLL OPERATIONS
The PLL consists of an on chip VCO, a phase comparator and a divider. A filter is
required to filter the phase comparator output to provide a DC signal to control the
VCO frequency Figure 13-1.
13.3
PLL LOCK TIME
The PLL will lock in less than 10msec after the PON-bit is set. The PCLK should
not be set before the PLL is locked.
13.4
PLL CLOCK FREQUENCY
When the PLL is in lock, the VCO output frequency is given by:
The VCO output frequency is further divided by a frequency divider circuit to give
three other frequencies as shown in Figure 13-1.
7
6
5
4
3
2
1
0
PCSR
$000D
READ
PON
PCLK
FREQ1
FREQ0
WRITE
RESET
0
0
X
X
X
0
0
X
Fvco = 114 * Fosc
where Fosc = oscillator frequency
Example: Fosc = 32.768kHz, Fvco = 3.604MHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com