Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC68HC705MC4MP Datasheet(PDF) 24 Page - Freescale Semiconductor, Inc

Part # MC68HC705MC4MP
Description  General Release Specification
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68HC705MC4MP Datasheet(HTML) 24 Page - Freescale Semiconductor, Inc

Back Button MC68HC705MC4MP Datasheet HTML 20Page - Freescale Semiconductor, Inc MC68HC705MC4MP Datasheet HTML 21Page - Freescale Semiconductor, Inc MC68HC705MC4MP Datasheet HTML 22Page - Freescale Semiconductor, Inc MC68HC705MC4MP Datasheet HTML 23Page - Freescale Semiconductor, Inc MC68HC705MC4MP Datasheet HTML 24Page - Freescale Semiconductor, Inc MC68HC705MC4MP Datasheet HTML 25Page - Freescale Semiconductor, Inc MC68HC705MC4MP Datasheet HTML 26Page - Freescale Semiconductor, Inc MC68HC705MC4MP Datasheet HTML 27Page - Freescale Semiconductor, Inc MC68HC705MC4MP Datasheet HTML 28Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 180 page
background image
General Description
MC68HC705MC4 — Rev. 2.0
General Description
startup. The load capacitance values used in the oscillator circuit design
should include all stray capacitances. Mount the crystal and components
as close as possible to the pins for startup stabilization and to minimize
output distortion. The ground return path for C1 and C2 should be as
direct to VSS (pin 6) as possible to minimize the oscillator loop area.
Figure 1-4. Oscillator Connections
1.5.2.2 Ceramic Resonator
In cost-sensitive applications, use a ceramic resonator in place of a
crystal. Use the circuit in Figure 1-4(a) for a ceramic resonator and
follow the resonator manufacturer’s recommendations, as the resonator
parameters determine the external component values required for
maximum stability and reliable starting. The load capacitance values
used in the oscillator circuit design should include all stray capacitances.
Mount the resonator and components as close as possible to the pins for
startup stabilization and to minimize output distortion.
1.5.2.3 External Clock
An external clock from another CMOS-compatible device can be
connected to the OSC1 input, with the OSC2 input not connected, as
shown in Figure 1-4(b).
TO VDD (OR STOP CONTROL)
TO VDD (OR STOP CONTROL)
(a)
Crystal or Ceramic Resonator
Connections
(b)
External Clock Source
Connections
OSC1
OSC2
MCU
MCU
OSC1
OSC2
UNCONNECTED
EXTERNAL CLOCK
*Typical values shown. Follow the ceramic resonator manufacturer’s
recommendations for values of R, C1, and C2.
Rexternal
C1
C2
15–18 pF*
15–18 pF*
2 M
Ω∗
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com