Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC68HC705MC4MP Datasheet(PDF) 45 Page - Freescale Semiconductor, Inc

Part # MC68HC705MC4MP
Description  General Release Specification
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68HC705MC4MP Datasheet(HTML) 45 Page - Freescale Semiconductor, Inc

Back Button MC68HC705MC4MP Datasheet HTML 41Page - Freescale Semiconductor, Inc MC68HC705MC4MP Datasheet HTML 42Page - Freescale Semiconductor, Inc MC68HC705MC4MP Datasheet HTML 43Page - Freescale Semiconductor, Inc MC68HC705MC4MP Datasheet HTML 44Page - Freescale Semiconductor, Inc MC68HC705MC4MP Datasheet HTML 45Page - Freescale Semiconductor, Inc MC68HC705MC4MP Datasheet HTML 46Page - Freescale Semiconductor, Inc MC68HC705MC4MP Datasheet HTML 47Page - Freescale Semiconductor, Inc MC68HC705MC4MP Datasheet HTML 48Page - Freescale Semiconductor, Inc MC68HC705MC4MP Datasheet HTML 49Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 180 page
background image
Interrupts
Hardware Interrupts
General Release Specification
Interrupts
ACK — IRQ Interrupt Request Acknowledge
This bit is write only and will always read as a logic 0. Writing a logic
1 to this bit will acknowledge the interrupt by clearing the
corresponding interrupt request bit.
NOTE:
The use of separate request and acknowledge bits allows the safe use
of read-modify-write instructions (for example, BSET and BCLR) on the
ISCR register.
Figure 4-3. Interrupt Hardware Structure
NOTE:
When the edge- and level-sensitive mask option is selected, the voltage
applied to the IRQ pin must return to the inactive state before the RTI
instruction in the interrupt service routine is executed. If the IRQ pin
remains in the active level, the interrupt service routine will be re-entered
after the RTI is executed. Setting the ACK bit will have no effect under
these circumstances.
ACK
REQ
CLEAR
Q
D
VDD
INTERRUPT
IRQ
EDGE
EDGE- AND LEVEL-SENSITIVE
IRQS
IRQM
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com