Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC68HC705MC4MP Datasheet(PDF) 89 Page - Freescale Semiconductor, Inc

Part # MC68HC705MC4MP
Description  General Release Specification
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68HC705MC4MP Datasheet(HTML) 89 Page - Freescale Semiconductor, Inc

Back Button MC68HC705MC4MP Datasheet HTML 85Page - Freescale Semiconductor, Inc MC68HC705MC4MP Datasheet HTML 86Page - Freescale Semiconductor, Inc MC68HC705MC4MP Datasheet HTML 87Page - Freescale Semiconductor, Inc MC68HC705MC4MP Datasheet HTML 88Page - Freescale Semiconductor, Inc MC68HC705MC4MP Datasheet HTML 89Page - Freescale Semiconductor, Inc MC68HC705MC4MP Datasheet HTML 90Page - Freescale Semiconductor, Inc MC68HC705MC4MP Datasheet HTML 91Page - Freescale Semiconductor, Inc MC68HC705MC4MP Datasheet HTML 92Page - Freescale Semiconductor, Inc MC68HC705MC4MP Datasheet HTML 93Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 180 page
background image
16-Bit Timer
Input Capture
General Release Specification
16-Bit Timer
Reading the LSB of the input capture register pair (ICRL1, ICRL2) does
not inhibit transfer of the free-running counter. Again, minimum pulse
periods are ones that allow software to read the LSB of the register pair
(ICRL1, ICRL2) and perform needed operations. There is no conflict
between reading the LSB (ICRL1, ICRL2) and the free-running counter
transfer since they occur on opposite edges of the internal clock.
Figure 9-10. State Timing Diagram for Input Capture
INTERNAL
TIMER
T00
T01
T10
T11
INPUT CAPTURE
16-BIT
$FFEB
$FFED
$FFEE
$FFEC
NOTE:
INPUT CAPTURE
PREVIOUSLY CAPTURED VALUE
$FFED
INPUT CAPTURE
INPUT CAPTURE
$FFEF
If the input capture edge occurs in the shaded area between T10 states, then the input capture
flag becomes set during the next T11 state.
BUS CLOCK
CLOCKS
COUNTER
EDGE
LATCH
REGISTER
FLAG
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com