Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC68HC705MC4MP Datasheet(PDF) 43 Page - Freescale Semiconductor, Inc

Part # MC68HC705MC4MP
Description  General Release Specification
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68HC705MC4MP Datasheet(HTML) 43 Page - Freescale Semiconductor, Inc

Back Button MC68HC705MC4MP Datasheet HTML 39Page - Freescale Semiconductor, Inc MC68HC705MC4MP Datasheet HTML 40Page - Freescale Semiconductor, Inc MC68HC705MC4MP Datasheet HTML 41Page - Freescale Semiconductor, Inc MC68HC705MC4MP Datasheet HTML 42Page - Freescale Semiconductor, Inc MC68HC705MC4MP Datasheet HTML 43Page - Freescale Semiconductor, Inc MC68HC705MC4MP Datasheet HTML 44Page - Freescale Semiconductor, Inc MC68HC705MC4MP Datasheet HTML 45Page - Freescale Semiconductor, Inc MC68HC705MC4MP Datasheet HTML 46Page - Freescale Semiconductor, Inc MC68HC705MC4MP Datasheet HTML 47Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 180 page
background image
Interrupts
Hardware Interrupts
General Release Specification
Interrupts
The interrupt mask bit operates by inhibiting the interrupt signal
after the
appropriate interrupt request latch. This feature allows the interrupt to be
recognized and latched even if the mask is set.
When the IRQ input goes to the active level for at least one tILIH, a logic
1 is latched internally to signify an interrupt has been requested. When
the MCU completes its current instruction, the interrupt latch is tested. If
the interrupt latch contains a logic 1, and the interrupt mask bit (I bit) in
the condition code register and the IRQ mask bit (IRQM) in the ISCR are
both clear, then the MCU can begin the interrupt sequence. The state of
the interrupt latch is reflected in the interrupt request bit (REQ) in the
ISCR and is cleared automatically during interrupt processing. See
Figure 4-2.
IRQ interrupt requests are acknowledged automatically and cleared
during interrupt processing. It also may be cleared through software by
setting the acknowledge bit in the ISCR. Setting this bit is a one-shot
operation and will not affect subsequent interrupt operation. The action
of clearing the acknowledge bit will clear the request bit. This allows the
programmer the option to cancel spurious interrupts that occur while the
interrupt mask bits are set. This may be necessary in systems where it
is desirable to prevent redundant (ghost) entries to the interrupt service
routine (where the interrupt mask is eventually cleared).
NOTE:
The IRQM is cleared (enabled) during reset, although no interrupts can
occur until the interrupt mask bit of the CCR is cleared. The interrupt
mask bit (I bit) of the CCR is set during reset. The interrupt request
latches also are cleared during reset.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com