Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC68HC705MC4MP Datasheet(PDF) 84 Page - Freescale Semiconductor, Inc

Part # MC68HC705MC4MP
Description  General Release Specification
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68HC705MC4MP Datasheet(HTML) 84 Page - Freescale Semiconductor, Inc

Back Button MC68HC705MC4MP Datasheet HTML 80Page - Freescale Semiconductor, Inc MC68HC705MC4MP Datasheet HTML 81Page - Freescale Semiconductor, Inc MC68HC705MC4MP Datasheet HTML 82Page - Freescale Semiconductor, Inc MC68HC705MC4MP Datasheet HTML 83Page - Freescale Semiconductor, Inc MC68HC705MC4MP Datasheet HTML 84Page - Freescale Semiconductor, Inc MC68HC705MC4MP Datasheet HTML 85Page - Freescale Semiconductor, Inc MC68HC705MC4MP Datasheet HTML 86Page - Freescale Semiconductor, Inc MC68HC705MC4MP Datasheet HTML 87Page - Freescale Semiconductor, Inc MC68HC705MC4MP Datasheet HTML 88Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 180 page
background image
16-Bit Timer
MC68HC705MC4 — Rev. 2.0
16-Bit Timer
9.4 Output Compare
The output compare function may be used to generate an output
waveform and/or as an elapsed time indicator. If the TCMP/TCAP1 bit of
the TCR is set, output to the port pin is enabled. All of the bits in the
output compare register pair OCRH/OCRL are readable and writeable
and are not altered by the 16-bit timer’s control logic. Reset does not
affect the contents of these registers. See Figure 9-5.
The contents of the output compare registers are compared with the
contents of the free-running counter once every four internal clock
cycles. If a match is found, the output compare flag bit (OCF) is set and
the output level bit (OLVL) is clocked to the output latch. The values in
the output compare registers and output level bit should be changed
after each successful comparison to control an output waveform, or to
establish a new elapsed time-out. An interrupt can also accompany a
successful output compare if the output compare interrupt enable bit
(OCIE) is set.
After a CPU write cycle to the MSB of the output compare register pair
(OCRH), the output compare function is inhibited until the LSB (OCRL)
is written. Both bytes must be written if the MSB is written. A write made
only to the LSB will not inhibit the compare function. The free-running
Address:
$001D
Bit 7
654321
Bit 0
Read:
BIT 15
BIT 14
BIT 13
BIT 12
BIT 11
BIT 10
BIT 9
BIT 8
Write:
Reset:
Unaffected by Reset
Address:
$001E
Bit 7
654321
Bit 0
Read:
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
Write:
Reset:
Unaffected by Reset
Figure 9-5. Output Compare Registers (OCRH/OCRL)
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com