Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC68HC705MC4MP Datasheet(PDF) 50 Page - Freescale Semiconductor, Inc

Part # MC68HC705MC4MP
Description  General Release Specification
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68HC705MC4MP Datasheet(HTML) 50 Page - Freescale Semiconductor, Inc

Back Button MC68HC705MC4MP Datasheet HTML 46Page - Freescale Semiconductor, Inc MC68HC705MC4MP Datasheet HTML 47Page - Freescale Semiconductor, Inc MC68HC705MC4MP Datasheet HTML 48Page - Freescale Semiconductor, Inc MC68HC705MC4MP Datasheet HTML 49Page - Freescale Semiconductor, Inc MC68HC705MC4MP Datasheet HTML 50Page - Freescale Semiconductor, Inc MC68HC705MC4MP Datasheet HTML 51Page - Freescale Semiconductor, Inc MC68HC705MC4MP Datasheet HTML 52Page - Freescale Semiconductor, Inc MC68HC705MC4MP Datasheet HTML 53Page - Freescale Semiconductor, Inc MC68HC705MC4MP Datasheet HTML 54Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 180 page
background image
Resets
MC68HC705MC4 — Rev. 2.0
Resets
Figure 5-1. Reset Block Diagram
5.3 External Reset
The RESET input is the only external reset and is connected to an
internal Schmitt trigger. The external reset occurs whenever the RESET
input is driven below the lower threshold and remains in reset until the
RESET pin rises above the upper threshold. The upper and lower
thresholds are given in Section 14. Electrical Specifications.
5.4 Internal Resets
The three internally generated resets are the illegal address, the initial
power-on reset (POR) function, and the computer operating properly
(COP) watchdog timer function.
RESET
RST
POWER-ON
RESET
(POR)
RESET
COP
WATCHDOG
(COPR)
VDD
OSC
DATA
ADDRESS
LATCH
TO CPU AND
PERIPHERALS
INTERNAL CLOCK
INSTRUCTION
LOAD CLOCK
ADDRESS
ILLEGAL
ADDRESS
4-CYCLE
COUNTER
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com