Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC68HC705MC4MP Datasheet(PDF) 87 Page - Freescale Semiconductor, Inc

Part # MC68HC705MC4MP
Description  General Release Specification
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68HC705MC4MP Datasheet(HTML) 87 Page - Freescale Semiconductor, Inc

Back Button MC68HC705MC4MP Datasheet HTML 83Page - Freescale Semiconductor, Inc MC68HC705MC4MP Datasheet HTML 84Page - Freescale Semiconductor, Inc MC68HC705MC4MP Datasheet HTML 85Page - Freescale Semiconductor, Inc MC68HC705MC4MP Datasheet HTML 86Page - Freescale Semiconductor, Inc MC68HC705MC4MP Datasheet HTML 87Page - Freescale Semiconductor, Inc MC68HC705MC4MP Datasheet HTML 88Page - Freescale Semiconductor, Inc MC68HC705MC4MP Datasheet HTML 89Page - Freescale Semiconductor, Inc MC68HC705MC4MP Datasheet HTML 90Page - Freescale Semiconductor, Inc MC68HC705MC4MP Datasheet HTML 91Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 180 page
background image
16-Bit Timer
Input Capture
General Release Specification
16-Bit Timer
9.5 Input Capture
Registers are used to latch the value of the free-running counter after a
defined transition is sensed by the input capture edge detector (
Note:
The input capture edge detector contains a Schmitt trigger to improve
noise immunity.) The edge that triggers the counter transfer is defined
by each input edge bit (IEDG1, IEDG2) in register TCR. Dynamically
changing from Capture to Compare function will not affect the contents
of the registers. All of the bits in the Input Capture register pair ICRH /
ICRL are readable and are not altered by the 16-bit timer’s control logic.
Writes have no effect. Reset does not affect the contents of these
registers. See Figure 9-8 and Figure 9-9.
Address:
$001B
Bit 7
654321
Bit 0
Read:
BIT 15
BIT 14
BIT 13
BIT 12
BIT 11
BIT 10
BIT 9
BIT 8
Write:
Reset:
Unaffected by Reset
Address:
$001C
Bit 7
654321
Bit 0
Read:
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
Write:
Reset:
Unaffected by Reset
= Unimplemented
Figure 9-8. Input Capture Registers (ICRH1/ICRL1)
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com