Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC68HC705MC4MP Datasheet(PDF) 67 Page - Freescale Semiconductor, Inc

Part # MC68HC705MC4MP
Description  General Release Specification
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68HC705MC4MP Datasheet(HTML) 67 Page - Freescale Semiconductor, Inc

Back Button MC68HC705MC4MP Datasheet HTML 63Page - Freescale Semiconductor, Inc MC68HC705MC4MP Datasheet HTML 64Page - Freescale Semiconductor, Inc MC68HC705MC4MP Datasheet HTML 65Page - Freescale Semiconductor, Inc MC68HC705MC4MP Datasheet HTML 66Page - Freescale Semiconductor, Inc MC68HC705MC4MP Datasheet HTML 67Page - Freescale Semiconductor, Inc MC68HC705MC4MP Datasheet HTML 68Page - Freescale Semiconductor, Inc MC68HC705MC4MP Datasheet HTML 69Page - Freescale Semiconductor, Inc MC68HC705MC4MP Datasheet HTML 70Page - Freescale Semiconductor, Inc MC68HC705MC4MP Datasheet HTML 71Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 180 page
background image
Input/Output Ports
Port C
General Release Specification
Input/Output Ports
7.6 Port C
Port C is an 8-bit bidirectional port that has shared pins with the
analog-to-digital (A/D) subsystem. The port C data register is located at
address $0002 and its data direction register (DDR) is located at
address $0006. Reset does not affect the data registers, but clears the
DDRs, thereby setting all of the port pins to input mode. Writing a 1 to a
DDR bit sets the corresponding port pin to output mode. (See Figure
7-4.)
The ADON bit in register ADSC is used to enable/disable the A/D
subsystem. Port C may be used for general I/O applications when the
A/D subsystem is disabled or when all A/D input channels are not
required. Unselected channels revert to general-purpose I/O. See
Section 8. Analog Subsystem.
Figure 7-4. Port C I/O Circuitry
READ $0002
WRITE $0002
READ $0006
DATA
REGISTER BIT
I/O
PIN
OUTPUT
INTERNAL HC05
DATA BUS
RESET
(RST)
WRITE $0006
DATA DIRECTION
REGISTER BIT
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com