Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC68HC705MC4MP Datasheet(PDF) 65 Page - Freescale Semiconductor, Inc

Part # MC68HC705MC4MP
Description  General Release Specification
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68HC705MC4MP Datasheet(HTML) 65 Page - Freescale Semiconductor, Inc

Back Button MC68HC705MC4MP Datasheet HTML 61Page - Freescale Semiconductor, Inc MC68HC705MC4MP Datasheet HTML 62Page - Freescale Semiconductor, Inc MC68HC705MC4MP Datasheet HTML 63Page - Freescale Semiconductor, Inc MC68HC705MC4MP Datasheet HTML 64Page - Freescale Semiconductor, Inc MC68HC705MC4MP Datasheet HTML 65Page - Freescale Semiconductor, Inc MC68HC705MC4MP Datasheet HTML 66Page - Freescale Semiconductor, Inc MC68HC705MC4MP Datasheet HTML 67Page - Freescale Semiconductor, Inc MC68HC705MC4MP Datasheet HTML 68Page - Freescale Semiconductor, Inc MC68HC705MC4MP Datasheet HTML 69Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 180 page
background image
Input/Output Ports
MCU Line Interface Recommendations
General Release Specification
Input/Output Ports
7.4 MCU Line Interface Recommendations
It is expected that some applications appropriate to the
MC68HC705MC4 will be required to determine the presence of line
(mains) voltage using the MCU. A low-cost MCU line interface is shown
in Figure 7-2. PA7 has been intentionally located between V
DD and VSS
to provide a lowest possible impedance path for the injected currents in
particular fast transients. Although any I/O port will function in this
manner, it is recommended that only PA7 be used for such an interface.
The positive and negative excursions of the input voltage relative to the
neutral return are clamped between V
SS and VDD using the internal
parasitic input diodes. The series resistor limits the injected currents to
the specified value. (Refer to Section 14. Electrical Specifications.)
The resistor value must be calculated based upon maximum expected
transient voltage levels (for example, not line peak values). Care should
be taken to ensure parasitic series resistor and PCB capacitance will not
couple transients to the MCU input. Additional filtering is also highly
recommended to help prevent EMC and electrical overstress (EOS)
problems.
Figure 7-2. Line Interface Circuitry
PA7
VSS
LINE
L
N
R
MCU
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com