Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC68HC705MC4MP Datasheet(PDF) 40 Page - Freescale Semiconductor, Inc

Part # MC68HC705MC4MP
Description  General Release Specification
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68HC705MC4MP Datasheet(HTML) 40 Page - Freescale Semiconductor, Inc

Back Button MC68HC705MC4MP Datasheet HTML 36Page - Freescale Semiconductor, Inc MC68HC705MC4MP Datasheet HTML 37Page - Freescale Semiconductor, Inc MC68HC705MC4MP Datasheet HTML 38Page - Freescale Semiconductor, Inc MC68HC705MC4MP Datasheet HTML 39Page - Freescale Semiconductor, Inc MC68HC705MC4MP Datasheet HTML 40Page - Freescale Semiconductor, Inc MC68HC705MC4MP Datasheet HTML 41Page - Freescale Semiconductor, Inc MC68HC705MC4MP Datasheet HTML 42Page - Freescale Semiconductor, Inc MC68HC705MC4MP Datasheet HTML 43Page - Freescale Semiconductor, Inc MC68HC705MC4MP Datasheet HTML 44Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 180 page
background image
Interrupts
MC68HC705MC4 — Rev. 2.0
Interrupts
Interrupts cause the processor to save the register contents on the stack
and to set the interrupt mask (I-bit) to prevent additional interrupts.
Unlike RESET, hardware interrupts do not cause the current instruction
execution to be halted, but are considered pending until the current
instruction is completed.
When the current instruction is completed, the processor checks all
pending hardware interrupts. If interrupts are not masked (I-bit in the
condition code register is clear), and the corresponding interrupt enable
bit is set, the processor proceeds with interrupt processing. Otherwise,
the next instruction is fetched and executed. The SWI is executed the
same as any other instruction, regardless of the I-bit state.
When an interrupt is to be processed, the CPU puts the register contents
on the stack, sets the I-bit in the CCR, and fetches the address of the
corresponding interrupt service routine from the vector table at locations
$0FF0 through $0FFF. If more than one interrupt is pending when the
interrupt vector is fetched, the interrupt with the highest vector location
shown in Table 4-1 will be serviced first.
An RTI instruction is used to signify when the interrupt software service
routine is completed. The RTI instruction causes the CPU state to be
recovered from the stack and normal processing to resume at the next
Table 4-1. Vector Addresses for Interrupts and Reset
Register
Flag
Name
Interrupts
CPU
Interrupt
Vector
Address
N/A
N/A
Reset
RESET
$0FFE–$0FFF
N/A
N/A
Software
SWI
$0FFC–$0FFD
ISCR
REQ
External Interrupt
IRQ
$0FFA–$0FFB
TSR
ICF2
Timer Input Capture 2
TIMER
$0FF8–$0FF9
TSR
ICF1
Timer Input Capture 1
TIMER
$0FF6–$0FF7
TSR
OCF
Timer Output Compare*
TIMER
$0FF4–$0FF5
TSR
TOF
Timer Overflow*
TIMER
$0FF4–$0FF5
SCSR
Various
SCI
SCI
$0FF2–$0FF3
CTCSR
CTOF
Core Timer Overflow*
CTIMER
$0FF0–$0FF1
CTCSR
RTIF
Core Timer Real Time*
CTIMER
$0FF0–$0FF1
* Vector is shared
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com