Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC68HC705MC4MP Datasheet(PDF) 92 Page - Freescale Semiconductor, Inc

Part # MC68HC705MC4MP
Description  General Release Specification
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68HC705MC4MP Datasheet(HTML) 92 Page - Freescale Semiconductor, Inc

Back Button MC68HC705MC4MP Datasheet HTML 88Page - Freescale Semiconductor, Inc MC68HC705MC4MP Datasheet HTML 89Page - Freescale Semiconductor, Inc MC68HC705MC4MP Datasheet HTML 90Page - Freescale Semiconductor, Inc MC68HC705MC4MP Datasheet HTML 91Page - Freescale Semiconductor, Inc MC68HC705MC4MP Datasheet HTML 92Page - Freescale Semiconductor, Inc MC68HC705MC4MP Datasheet HTML 93Page - Freescale Semiconductor, Inc MC68HC705MC4MP Datasheet HTML 94Page - Freescale Semiconductor, Inc MC68HC705MC4MP Datasheet HTML 95Page - Freescale Semiconductor, Inc MC68HC705MC4MP Datasheet HTML 96Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 180 page
background image
16-Bit Timer
MC68HC705MC4 — Rev. 2.0
16-Bit Timer
9.7 Timer Status Register
Reading the timer status register (TSR) satisfies the first condition
required to clear status flags and interrupts. The only remaining step is
to read (or write) the register associated with the active status flag
(and/or interrupt). This method does not present any problems for input
capture or output compare functions.
However, a problem can occur when using a timer interrupt function and
reading the free-running counter at random times to, for example,
measure an elapsed time. If the proper precautions are not designed into
the application software, a timer overflow flag (TOF) could
unintentionally be cleared if:
1. The TSR is read when bit 5 (TOF) is set, and
2. The LSB of the free-running counter is read, but not for the
purpose of servicing the flag or interrupt.
The alternate counter registers (ACRH, ACRL) contain the same values
as the timer registers (TMRH, TMRL). Registers ACRH and ACRL can
be read at any time without affecting the timer overflow flag (TOF) or
interrupt.
ICF2 — Input Capture 1 Flag
Bit 7 is set when the edge specified by IEDG2 in register TCR has
been sensed by the input capture edge detector fed by pin TCAP2.
This flag, and the input capture interrupt, can be cleared by reading
register TSR followed by reading the LSB of the input capture register
pair (ICRL2).
Address:
$0018
Bit 7
654321
Bit 0
Read:
ICF2
ICF1
TOF
OCF
0000
Write:
Reset:
UUUU
0000
= Unimplemented
U = Unaffected
Figure 9-12. Timer Status Register (TSR)
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com