Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC68HC705MC4MP Datasheet(PDF) 32 Page - Freescale Semiconductor, Inc

Part # MC68HC705MC4MP
Description  General Release Specification
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68HC705MC4MP Datasheet(HTML) 32 Page - Freescale Semiconductor, Inc

Back Button MC68HC705MC4MP Datasheet HTML 28Page - Freescale Semiconductor, Inc MC68HC705MC4MP Datasheet HTML 29Page - Freescale Semiconductor, Inc MC68HC705MC4MP Datasheet HTML 30Page - Freescale Semiconductor, Inc MC68HC705MC4MP Datasheet HTML 31Page - Freescale Semiconductor, Inc MC68HC705MC4MP Datasheet HTML 32Page - Freescale Semiconductor, Inc MC68HC705MC4MP Datasheet HTML 33Page - Freescale Semiconductor, Inc MC68HC705MC4MP Datasheet HTML 34Page - Freescale Semiconductor, Inc MC68HC705MC4MP Datasheet HTML 35Page - Freescale Semiconductor, Inc MC68HC705MC4MP Datasheet HTML 36Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 180 page
background image
Memory
MC68HC705MC4 — Rev. 2.0
Memory
Addr.
Register Name
Bit 7
654321
Bit 0
$0010
PWMA Data Register (Effective) Read:
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
PWMA Data-Direct Register Write:
$0011
PWMA Data Register (Effective) Read:
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
PWMA Data-Interlock Register Write:
$0012
PWMB Data Register (Effective) Read:
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
PWMB Data-Direct Register Write:
$0013
PWMB Data Register (Effective) Read:
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
PWMB Data-Interlock Register Write:
$0014
PWM CTL-A Register (Effective) Read:
MEA
POLA
MSKA3 MSKA2 MSKA1
CSA3
CSA2
CSA1
PWM CTL-A Register (Buffer) Write:
$0015
PWM CTL-B Register (Effective) Read:
MEB
POLB
MSKB3 MSKB2 MSKB1
CSB3
CSB2
CSB1
PWM CTL-B Register (Buffer) Write:
$0016
PWM Rate Register (Effective) Read:
RA3
RA2
RA1
RA0
RB3
RB2
RB1
RB0
PWM Rate Register (Buffer) Write:
$0017
Timer Control Register
Read:
ICIE2
ICIE1
TOIE
OCIE
TCMP/
TCAP1
IEDG1
IEDG2
OLVL
Write:
$0018
Timer Status Register
Read:
ICF2
ICF1
TOF
OCF
0000
Write:
$0019
Input Capture Register 2 MSB
Read: BIT 15
BIT 14
BIT 13
BIT 12
BIT 11
BIT 10
BIT 9
BIT 8
Write:
$001A
Input Capture Register 2 LSB
Read:
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
Write:
$001B
Input Capture Register 1 MSB
Read: BIT 15
BIT 14
BIT 13
BIT 12
BIT 11
BIT 10
BIT 9
BIT 8
Write:
$001C
Input Capture Register 1 LSB
Read:
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
Write:
$001D
Output Compare Register MSB
Read:
BIT 15
BIT 14
BIT 13
BIT 12
BIT 11
BIT 10
BIT 9
BIT 8
Write:
$001E
Output Compare Register LSB
Read:
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
Write:
$001F
Reserved
Read:
RRRRRRRR
Write:
= Unimplemented
R
= Reserved
Figure 2-4. I/O and Control Registers $0010–$0001F
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com