Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC68HC705MC4MP Datasheet(PDF) 96 Page - Freescale Semiconductor, Inc

Part # MC68HC705MC4MP
Description  General Release Specification
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68HC705MC4MP Datasheet(HTML) 96 Page - Freescale Semiconductor, Inc

Back Button MC68HC705MC4MP Datasheet HTML 92Page - Freescale Semiconductor, Inc MC68HC705MC4MP Datasheet HTML 93Page - Freescale Semiconductor, Inc MC68HC705MC4MP Datasheet HTML 94Page - Freescale Semiconductor, Inc MC68HC705MC4MP Datasheet HTML 95Page - Freescale Semiconductor, Inc MC68HC705MC4MP Datasheet HTML 96Page - Freescale Semiconductor, Inc MC68HC705MC4MP Datasheet HTML 97Page - Freescale Semiconductor, Inc MC68HC705MC4MP Datasheet HTML 98Page - Freescale Semiconductor, Inc MC68HC705MC4MP Datasheet HTML 99Page - Freescale Semiconductor, Inc MC68HC705MC4MP Datasheet HTML 100Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 180 page
background image
Pulse Width Modulator
MC68HC705MC4 — Rev. 2.0
Pulse Width Modulator
10.2 Introduction
The pulse width modulator (PWM) subsystem has two 8-bit channels
(PWMA and PWMB). The PWM has a programmable prescaler, divide
by 1.5 added to the initial prescaler, polarity, and mux enable with
channel masking for motor control applications. The PWM is capable of
generating signals from 0% to 100% duty cycle. A $00 in either PWM
data register yields an OFF output (0%) with the polarity control bit set
to one for that channel (for example, PWMA or PWMB), but a $FF yields
a duty of 255/256. To achieve the 100% duty (ON output), the polarity
control bit is set to zero for that channel (for example, PWMA or PWMB)
while the data register has $00.
NOTE:
The symbol 'x’ is used in this section to indicate either channel A or
channel B. For example, PWMx refers to either PWMA or PWMB.
10.3 PWM Registers
The PWM subsystem is controlled through four control registers: CTL-A,
CTL-B, RATE, and UPDATE. CTL-A, CTL-B, and the data registers
feature a write interlock and buffer mechanism to permit their contents
to be updated simultaneously, preventing undesirable glitching of the
associated port A output. The CTL-A and CTL-B registers contain bits to
control the PWM subsystem outputs on PA1–PA6 (PWM, logic 0 or logic
1) and PWM polarity bits.
The PWM subsystem control and data registers are all buffered, as
shown in Figure 10-2. Each register consists of an active register, which
contains the data used by the PWM subsystem, and a buffer register,
which contains the data most recently written to the register address.
Writes to the buffer registers are transferred to the active registers at the
end of the PWM period if the respective bit in the UPDATE register is set
to 0. If it is set to 1, the transfer will occur immediately. In addition, when
the respective update bit is clear, a predefined sequence of register
accesses may also need to be completed before the new contents of
these registers are transferred. This sequence of accesses is referred to
as a register interlock mechanism and is intended to allow more than
one register to be modified before effecting the PWM operation. The
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com