Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC68HC705MC4MP Datasheet(PDF) 25 Page - Freescale Semiconductor, Inc

Part # MC68HC705MC4MP
Description  General Release Specification
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68HC705MC4MP Datasheet(HTML) 25 Page - Freescale Semiconductor, Inc

Back Button MC68HC705MC4MP Datasheet HTML 21Page - Freescale Semiconductor, Inc MC68HC705MC4MP Datasheet HTML 22Page - Freescale Semiconductor, Inc MC68HC705MC4MP Datasheet HTML 23Page - Freescale Semiconductor, Inc MC68HC705MC4MP Datasheet HTML 24Page - Freescale Semiconductor, Inc MC68HC705MC4MP Datasheet HTML 25Page - Freescale Semiconductor, Inc MC68HC705MC4MP Datasheet HTML 26Page - Freescale Semiconductor, Inc MC68HC705MC4MP Datasheet HTML 27Page - Freescale Semiconductor, Inc MC68HC705MC4MP Datasheet HTML 28Page - Freescale Semiconductor, Inc MC68HC705MC4MP Datasheet HTML 29Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 180 page
background image
General Description
Functional Pin Description
General Release Specification
General Description
1.5.3 RESET
Driving this input low will reset the MCU to a known startup state. This
pin is pulled low by internal resets. The RESET pin contains an internal
Schmitt trigger to improve its noise immunity. Refer to Section 5.
Resets.
1.5.4 PA0, PA1/PWMA1, PA2/PWMB1, PA3/PWMA2, PA4/PWMB2, PA5/PWMA3,
PA6/PWMB3, and PA7
These eight I/O pins comprise port A and are shared with the PWM
subsystem. The state of any pin is software programmable and all port
A lines are configured as inputs during power-on or reset. All port A pins
have high source current capability to simplify interfacing to external
devices, such as small triacs. Refer to Section 7. Input/Output Ports
and Section 10. Pulse Width Modulator.
1.5.5 PB4/TDO, PB5/RDI, PB6, and PB7
These four I/O pins comprise port B. Two pins are shared with the SCI
communication subsystem. The state of any pin is software
programmable and all port B lines are configured as inputs during
power-on or reset. Refer to Section 7. Input/Output Ports and Section
11. Serial Communications Interface.
1.5.6 PC0:5/AD0:5, PC6/VREFH, and PC7/VREFL
These eight I/O pins comprise port C and are shared with the A/D
converter subsystem. The state of any pin is software programmable
and all port C lines are configured as inputs during power-on or reset.
Refer to Section 7. Input/Output Ports and Section 8. Analog
Subsystem.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com