Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC68HC705MC4MP Datasheet(PDF) 75 Page - Freescale Semiconductor, Inc

Part # MC68HC705MC4MP
Description  General Release Specification
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68HC705MC4MP Datasheet(HTML) 75 Page - Freescale Semiconductor, Inc

Back Button MC68HC705MC4MP Datasheet HTML 71Page - Freescale Semiconductor, Inc MC68HC705MC4MP Datasheet HTML 72Page - Freescale Semiconductor, Inc MC68HC705MC4MP Datasheet HTML 73Page - Freescale Semiconductor, Inc MC68HC705MC4MP Datasheet HTML 74Page - Freescale Semiconductor, Inc MC68HC705MC4MP Datasheet HTML 75Page - Freescale Semiconductor, Inc MC68HC705MC4MP Datasheet HTML 76Page - Freescale Semiconductor, Inc MC68HC705MC4MP Datasheet HTML 77Page - Freescale Semiconductor, Inc MC68HC705MC4MP Datasheet HTML 78Page - Freescale Semiconductor, Inc MC68HC705MC4MP Datasheet HTML 79Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 180 page
background image
Analog Subsystem
A/D Status and Control Register
General Release Specification
Analog Subsystem
8.6 A/D Status and Control Register
The following paragraphs describe the function of the A/D status and
control register.
COCO — Conversions Complete
This read-only status bit is set when a conversion is completed,
indicating that the A/D data register contains valid results. This bit is
cleared whenever the A/D status and control register is written and a
new conversion is automatically started or whenever the A/D data
register is read. Once a conversion has been started by writing to the
A/D status and control register, conversions of the selected channel
will continue every 32 cycles until the A/D status and control register
is written again. In this continuous conversion mode, the A/D data
register will be filled with new data and the COCO bit set every 32
cycles. Data from the previous conversion will be overwritten
regardless of the state of the COCO bit prior to writing.
ADRC — A/D RC Oscillator Control
When the RC oscillator is selected (ADRC = 1) to be the A/D clock
source, it requires a time, tADRC, to stabilize. Results can be
inaccurate during this time. If the CPU clock is running below 1 Mhz,
the RC oscillator must be used.
When ADRC = 0, the A/D uses the CPU clock.
Address:
$0025
Bit 7
654321
Bit 0
Read:
COCO
ADRC
ADON
0
CH3
CH2
CH1
CH0
Write:
Reset:
00000000
= Unimplemented
Figure 8-2. A/D Status and Control Register (ADSCR)
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com