Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC68HC705MC4MP Datasheet(PDF) 26 Page - Freescale Semiconductor, Inc

Part # MC68HC705MC4MP
Description  General Release Specification
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68HC705MC4MP Datasheet(HTML) 26 Page - Freescale Semiconductor, Inc

Back Button MC68HC705MC4MP Datasheet HTML 22Page - Freescale Semiconductor, Inc MC68HC705MC4MP Datasheet HTML 23Page - Freescale Semiconductor, Inc MC68HC705MC4MP Datasheet HTML 24Page - Freescale Semiconductor, Inc MC68HC705MC4MP Datasheet HTML 25Page - Freescale Semiconductor, Inc MC68HC705MC4MP Datasheet HTML 26Page - Freescale Semiconductor, Inc MC68HC705MC4MP Datasheet HTML 27Page - Freescale Semiconductor, Inc MC68HC705MC4MP Datasheet HTML 28Page - Freescale Semiconductor, Inc MC68HC705MC4MP Datasheet HTML 29Page - Freescale Semiconductor, Inc MC68HC705MC4MP Datasheet HTML 30Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 180 page
background image
General Description
MC68HC705MC4 — Rev. 2.0
General Description
1.5.7 PD6/TCAP1/TCMP, PD7/TCAP2
These two I/O pins comprise port D and are shared with the 16-bit timer
subsystem. PD7 is always an input. PD6 can be used as an input or
output port if the TCAP1 interrupt is disabled and the TCAP1/TCMP bit
is clear in the TCR. This is the state upon RESET. Writes to PD7 have
no effect. They may be read at any time, regardless of the mode of
operation of the 16-bit timer. Refer to Section 7. Input/Output Ports
and Section 9. 16-Bit Timer.
1.5.8 IRQ/VPP
This pin has two different choices of interrupt triggering sensitivity
through the IRQ (maskable interrupt request) bit in the interrupt status
and control register (ISCR). The choices are:
1. Edge-sensitive triggering only
2. Both edge-sensitive and level-sensitive triggering
In addition, the IRQ pin may be selected to trigger an interrupt on either
the rising or falling edge of the IRQ pin signal through the EDGE bit in
the ISCR.
The MCU completes the current instruction before it responds to the
interrupt request.
If the option is selected to include level-sensitive triggering, the IRQ input
requires an external resistor to V
DD for wire-OR operation.
The IRQ pin contains an internal Schmitt trigger as part of its input to
improve noise immunity. Refer to Section 4. Interrupts.
This pin also is used to supply the MC68HC705MC4 EPROM array with
the programming voltage.
NOTE:
If the voltage level applied to the IRQ pin exceeds VDD, it can affect the
MCU’s mode of operation. See Section 6. Operating Modes.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com