Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC68HC705MC4MP Datasheet(PDF) 29 Page - Freescale Semiconductor, Inc

Part # MC68HC705MC4MP
Description  General Release Specification
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68HC705MC4MP Datasheet(HTML) 29 Page - Freescale Semiconductor, Inc

Back Button MC68HC705MC4MP Datasheet HTML 25Page - Freescale Semiconductor, Inc MC68HC705MC4MP Datasheet HTML 26Page - Freescale Semiconductor, Inc MC68HC705MC4MP Datasheet HTML 27Page - Freescale Semiconductor, Inc MC68HC705MC4MP Datasheet HTML 28Page - Freescale Semiconductor, Inc MC68HC705MC4MP Datasheet HTML 29Page - Freescale Semiconductor, Inc MC68HC705MC4MP Datasheet HTML 30Page - Freescale Semiconductor, Inc MC68HC705MC4MP Datasheet HTML 31Page - Freescale Semiconductor, Inc MC68HC705MC4MP Datasheet HTML 32Page - Freescale Semiconductor, Inc MC68HC705MC4MP Datasheet HTML 33Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 180 page
background image
Memory
Bootstrap Mode Memory Map
General Release Specification
Memory
2.4 Bootstrap Mode Memory Map
Memory space is identical to the user mode, as shown in Figure 2-1.
2.5 I/O and Control Registers
Figure 2-3, Figure 2-4, and Figure 2-5 briefly describe the I/O and
control registers according to their locations ($0000–$002F) as shown in
Figure 2-2. Reading unimplemented bits will return unknown states, and
writing unimplemented bits will be ignored.
Port A Data Register
$0000
Port B Data Register
$0001
Port C Data Register
$0002
Port D Data Register
$0003
Port A Data Direction Register
$0004
Port B Data Direction Register
$0005
Port C Data Direction Register
$0006
Port D Data Direction Register
$0007
Core Timer Control & Status Register
$0008
Core Timer Counter Register
$0009
SCI Baud Rate Register
$000A
SCI Control Register 1
$000B
SCI Control Register 2
$000C
SCI Status Register
$000D
SCI Data Register
$000E
IRQ Status and Control Register
$000F
PWMA-D Data Direct Register
$0010
PWMA-I Data Interlock Register
$0011
PWMB-D Data Direct Register
$0012
Figure 2-2. I/O and Control Registers
Memory Map
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com