Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC68HC705MC4MP Datasheet(PDF) 100 Page - Freescale Semiconductor, Inc

Part # MC68HC705MC4MP
Description  General Release Specification
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68HC705MC4MP Datasheet(HTML) 100 Page - Freescale Semiconductor, Inc

Back Button MC68HC705MC4MP Datasheet HTML 96Page - Freescale Semiconductor, Inc MC68HC705MC4MP Datasheet HTML 97Page - Freescale Semiconductor, Inc MC68HC705MC4MP Datasheet HTML 98Page - Freescale Semiconductor, Inc MC68HC705MC4MP Datasheet HTML 99Page - Freescale Semiconductor, Inc MC68HC705MC4MP Datasheet HTML 100Page - Freescale Semiconductor, Inc MC68HC705MC4MP Datasheet HTML 101Page - Freescale Semiconductor, Inc MC68HC705MC4MP Datasheet HTML 102Page - Freescale Semiconductor, Inc MC68HC705MC4MP Datasheet HTML 103Page - Freescale Semiconductor, Inc MC68HC705MC4MP Datasheet HTML 104Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 180 page
background image
Pulse Width Modulator
MC68HC705MC4 — Rev. 2.0
Pulse Width Modulator
Mask Enable (MEx)
When set, MEx enables the output mask feature of the PWMx
subsystem. When enabled, all three pins of a channel will be used for
subsystem output, that is the port registers will have no effect. All
unselected pins (pins that have their corresponding CSx bit clear) will
output the corresponding value of the MSKx bit. All selected pins (pins
that have their corresponding CSx bit set) will output the PWM
waveform. See Table 10-1.
The mask feature allows the user to drive any of the PWM subsystem
ports (PA1–PA6) to a logic 1 or logic 0 synchronous with the register
interlock timing. All PWM outputs can therefore be modified
simultaneously to either drive PWM, logic 1, or logic 0 signals.
When MEx is clear, output mask feature is disabled and the port will
function as a normal I/O port if the CSx bit is cleared. This feature
allows some of the ports to be freed up for normal I/O when not used
for PWM output. If the corresponding CSx bit is set, the selected
channel will output the PWM waveform.
Polarity (POLx)
The polarity bit initializes the PWM output to a logic 1 or logic 0 at the
start of each PWM cycle. See Figure 10-5 and Figure 10-6.
1 = Initialize output to one. Toggles to zero at data PWMx match.
0 = Initialize output to zero. Toggles to one at data PWMx match.
Figure 10-5. PWM Waveforms (POLx = 1)
50
FF
80
PWM DATA REGISTER = $00
T
PWM DATA REGISTER VALUE
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com