Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC68HC705MC4MP Datasheet(PDF) 101 Page - Freescale Semiconductor, Inc

Part # MC68HC705MC4MP
Description  General Release Specification
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68HC705MC4MP Datasheet(HTML) 101 Page - Freescale Semiconductor, Inc

Back Button MC68HC705MC4MP Datasheet HTML 97Page - Freescale Semiconductor, Inc MC68HC705MC4MP Datasheet HTML 98Page - Freescale Semiconductor, Inc MC68HC705MC4MP Datasheet HTML 99Page - Freescale Semiconductor, Inc MC68HC705MC4MP Datasheet HTML 100Page - Freescale Semiconductor, Inc MC68HC705MC4MP Datasheet HTML 101Page - Freescale Semiconductor, Inc MC68HC705MC4MP Datasheet HTML 102Page - Freescale Semiconductor, Inc MC68HC705MC4MP Datasheet HTML 103Page - Freescale Semiconductor, Inc MC68HC705MC4MP Datasheet HTML 104Page - Freescale Semiconductor, Inc MC68HC705MC4MP Datasheet HTML 105Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 180 page
background image
Pulse Width Modulator
PWM Control Registers
General Release Specification
Pulse Width Modulator
Figure 10-6. PWM Waveforms (POLx = 0)
Mask (MSKx
[3:1])
When MEx is set, the MSKx bits establish mask values for pins that
are not selected by CSx. A mask value of 1 drives unselected PWM
subsystem pins high. A mask value of 0 drives unselected PWM
subsystem pins low. When MEx is clear, the mask bits have no effect.
If the mask feature is enabled (MEx =1), the mask bits also provide an
alternative method of generating 0% or 100% values. The
conventional method generates 100% duty cycle by inverting the
output polarity and simultaneously clearing the PWM data bits.
See Figure 10-7, Table 10-1, and Figure 10-8 for schematic, truth
table, and example waveform view for the PWM subsystem
multiplexer.
Channel Select (CSx
[3:1])
These bits select which pin or pins will receive the PWM waveform
output. Channel select has higher priority than mask enable. When
CSx[y] is set, the pin is selected and the PWMx output waveform will
be sent to the port logic. When CSx[y] is clear, the output will depend
on the MEx bit and the corresponding port register bit. See Figure
10-7, Table 10-1, and Figure 10-8 for schematic, truth table, and
example waveform view for the PWM subsystem multiplexer.
50
80
PWM DATA REGISTER = $00
T
FF
PWM DATA REGISTER VALUE
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com