Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC68HC705MC4MP Datasheet(PDF) 46 Page - Freescale Semiconductor, Inc

Part # MC68HC705MC4MP
Description  General Release Specification
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68HC705MC4MP Datasheet(HTML) 46 Page - Freescale Semiconductor, Inc

Back Button MC68HC705MC4MP Datasheet HTML 42Page - Freescale Semiconductor, Inc MC68HC705MC4MP Datasheet HTML 43Page - Freescale Semiconductor, Inc MC68HC705MC4MP Datasheet HTML 44Page - Freescale Semiconductor, Inc MC68HC705MC4MP Datasheet HTML 45Page - Freescale Semiconductor, Inc MC68HC705MC4MP Datasheet HTML 46Page - Freescale Semiconductor, Inc MC68HC705MC4MP Datasheet HTML 47Page - Freescale Semiconductor, Inc MC68HC705MC4MP Datasheet HTML 48Page - Freescale Semiconductor, Inc MC68HC705MC4MP Datasheet HTML 49Page - Freescale Semiconductor, Inc MC68HC705MC4MP Datasheet HTML 50Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 180 page
background image
Interrupts
MC68HC705MC4 — Rev. 2.0
Interrupts
4.5.2 Timer Interrupts
The following paragraphs describe the timer interrupts.
4.5.2.1 Input Capture Interrupts
The input capture interrupts are generated by the 16-bit timer as
described in Section 9. 16-Bit Timer. The input capture interrupt flags
are located in the timer status register (TSR) and the corresponding
enable bits can be found in the timer control register (TCR). The interrupt
service routine addresses are specified by the contents of memory
locations $0FF8 and $0FF9 for input capture 2 and by the contents of
memory locations $0FF6 and $0FF7 for input capture 1.
4.5.2.2 Output Compare Interrupt
The output compare interrupt is generated by the 16-bit timer, as
described in Section 9. 16-Bit Timer. The output compare interrupt flag
is located in register TSR and its corresponding enable bit can be found
in register TCR. The interrupt service routine address is specified by the
contents of memory locations $0FF4 and $0FF5.
NOTE:
The output compare interrupt is not available when the TCMP/TCAP1
timer channel is configured for input capture. See 9.4 Output Compare.
4.5.2.3 Timer Overflow Interrupt
The timer overflow interrupt is generated by the 16-bit timer as described
in Section 9. 16-Bit Timer. The timer overflow interrupt flag is located in
register TSR and its corresponding enable bit can be found in register
TCR. The I bit in the CCR must be clear for the timer overflow interrupt
to be enabled. This internal interrupt will vector to the interrupt service
routine located at the address specified by the contents of memory
locations $0FF4 and $0FF5. The timer overflow and the output compare
function share the same interrupt vector, thus requiring the user to poll
interrupt request flags.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com