Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPMCK16Z4MPV20 Datasheet(PDF) 161 Page - Freescale Semiconductor, Inc

Part # SPMCK16Z4MPV20
Description  M68HC16Z Series
PDF  500 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPMCK16Z4MPV20 Datasheet(HTML) 161 Page - Freescale Semiconductor, Inc

Back Button SPMCK16Z4MPV20 Datasheet HTML 157Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 158Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 159Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 160Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 161Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 162Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 163Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 164Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 165Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 161 / 500 page
background image
M68HC16 Z SERIES
SYSTEM INTEGRATION MODULE
USER’S MANUAL
5-55
5.7.6 Reset Timing
The RESET input must be asserted for a specified minimum period for reset to occur.
External RESET assertion can be delayed internally for a period equal to the longest
bus cycle time (or the bus monitor time-out period) in order to protect write cycles from
being aborted by reset. While RESET is asserted, SIM pins are either in an inactive,
high-impedance state or are driven to their inactive states.
When an external device asserts RESET for the proper period, reset control logic
clocks the signal into an internal latch. The control logic drives the RESET pin low for
an additional 512 CLKOUT cycles after it detects that the RESET signal is no longer
being externally driven to guarantee this length of reset to the entire system.
If an internal source asserts a reset signal, the reset control logic asserts the RESET
pin for a minimum of 512 cycles. If the reset signal is still asserted at the end of 512
cycles, the control logic continues to assert the RESET pin until the internal reset sig-
nal is negated.
After 512 cycles have elapsed, the RESET pin goes to an inactive, high-impedance
state for ten cycles. At the end of this 10-cycle period, the RESET input is tested.
When the input is at logic level one, reset exception processing begins. If, however,
the RESET input is at logic level zero, reset control logic drives the pin low for another
512 cycles. At the end of this period, the pin again goes to high-impedance state for
ten cycles, then it is tested again. The process repeats until external RESET is
released.
5.7.7 Power-On Reset
When the SIM clock synthesizer is used to generate system clocks, power-on reset
involves special circumstances related to application of the system and the clock syn-
thesizer power. Regardless of clock source, voltage must be applied to clock synthe-
sizer power input pin VDDSYN for the MCU to operate. The following discussion
assumes that VDDSYN is applied before and during reset, which minimizes crystal
start-up time. When VDDSYN is applied at power-on, start-up time is affected by spe-
cific crystal parameters and by oscillator circuit design. VDD ramp-up time also affects
pin state during reset. Refer to APPENDIX A ELECTRICAL CHARACTERISTICS for
voltage and timing specifications.
During power-on reset, an internal circuit in the SIM drives the IMB internal (MSTRST)
and external (EXTRST) reset lines. The power-on reset circuit releases the internal re-
set line as VDD ramps up to the minimum operating voltage, and SIM pins are initial-
ized to the values shown in Table 5-21. When VDD reaches the minimum operating
voltage, the clock synthesizer VCO begins operation. Clock frequency ramps up to
specified limp mode frequency (flimp). The external RESET line remains asserted until
the clock synthesizer PLL locks and 512 CLKOUT cycles elapse.
NOTE
VDDSYN and all VDD pins must be powered. Applying power to
VDDSYN only will cause errant behavior of the MCU.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com