Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPMCK16Z4MPV20 Datasheet(PDF) 165 Page - Freescale Semiconductor, Inc

Part # SPMCK16Z4MPV20
Description  M68HC16Z Series
PDF  500 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPMCK16Z4MPV20 Datasheet(HTML) 165 Page - Freescale Semiconductor, Inc

Back Button SPMCK16Z4MPV20 Datasheet HTML 161Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 162Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 163Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 164Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 165Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 166Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 167Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 168Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 169Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 165 / 500 page
background image
M68HC16 Z SERIES
SYSTEM INTEGRATION MODULE
USER’S MANUAL
5-59
Interrupt requests are sampled on consecutive falling edges of the system clock. In-
terrupt request input circuitry has hysteresis. To be valid, a request signal must be as-
serted for at least two consecutive clock periods. Valid requests do not cause
immediate exception processing, but are left pending. Pending requests are pro-
cessed at instruction boundaries or when exception processing of higher-priority inter-
rupts is complete.
The CPU16 does not latch the priority of a pending interrupt request. If an interrupt
source of higher priority makes a service request while a lower priority request is pend-
ing, the higher priority request is serviced. If an interrupt request with a priority equal
to or lower than the current IP mask value is made, the CPU16 does not recognize the
occurrence of the request. If simultaneous interrupt requests of different priorities are
made, and both have a priority greater than the mask value, the CPU16 recognizes
the higher-level request.
5.8.3 Interrupt Acknowledge and Arbitration
When the CPU16 detects one or more interrupt requests of a priority higher than the
interrupt priority mask value, it places the interrupt request level on the address bus
and initiates a CPU space read cycle. The request level serves two purposes: it is de-
coded by modules or external devices that have requested interrupt service, to deter-
mine whether the current interrupt acknowledge cycle pertains to them, and it is
latched into the interrupt priority mask field in the CPU16 condition code register to
preclude further interrupts of lower priority during interrupt service.
Modules or external devices that have requested interrupt service must decode the IP
mask value placed on the address bus during the interrupt acknowledge cycle and re-
spond if the priority of the service request corresponds to the mask value. However,
before modules or external devices respond, interrupt arbitration takes place.
Arbitration is performed by means of serial contention between values stored in indi-
vidual module interrupt arbitration (IARB) fields. Each module that can make an inter-
rupt service request, including the SIM, has an IARB field in its configuration register.
IARB fields can be assigned values from %0000 to %1111. In order to implement an
arbitration scheme, each module that can request interrupt service must be assigned
a unique, non-zero IARB field value during system initialization. Arbitration priorities
range from %0001 (lowest) to %1111 (highest). If the CPU16 recognizes an interrupt
service request from a source that has an IARB field value of %0000, a spurious inter-
rupt exception is processed.
WARNING
Do not assign the same arbitration priority to more than one module.
When two or more IARB fields have the same nonzero value, the
CPU16 interprets multiple vector numbers at the same time, with un-
predictable consequences.
Because the EBI manages external interrupt requests, the SIM IARB value is used for
arbitration between internal and external interrupt requests. The reset value of IARB
for the SIM is %1111, and the reset IARB value for all other modules is %0000.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com