Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPMCK16Z4MPV20 Datasheet(PDF) 163 Page - Freescale Semiconductor, Inc

Part # SPMCK16Z4MPV20
Description  M68HC16Z Series
PDF  500 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPMCK16Z4MPV20 Datasheet(HTML) 163 Page - Freescale Semiconductor, Inc

Back Button SPMCK16Z4MPV20 Datasheet HTML 159Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 160Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 161Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 162Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 163Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 164Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 165Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 166Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 167Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 163 / 500 page
background image
M68HC16 Z SERIES
SYSTEM INTEGRATION MODULE
USER’S MANUAL
5-57
NOTE
When TSC assertion takes effect, internal signals are forced to val-
ues that can cause inadvertent mode selection. Once the output driv-
ers change state, the MCU must be powered down and restarted
before normal operation can resume.
5.7.9 Reset Processing Summary
To prevent write cycles in progress from being corrupted, a reset is recognized at the
end of a bus cycle, and not at an instruction boundary. Any processing in progress at
the time a reset occurs is aborted. After SIM reset control logic has synchronized an
internal or external reset request, the MSTRST signal is asserted.
The following events take place when MSTRST is asserted.
A. Instruction execution is aborted.
B. The condition code register is initialized.
1. The IP field is set to $7, disabling all interrupts below priority 7.
2. The S bit is set, disabling LPSTOP mode.
3. The SM bit is cleared, disabling MAC saturation mode.
C. The K register is cleared.
NOTE
All CCR bits that are not initialized are not affected by reset. Howev-
er, out of power-on reset, these bits are indeterminate.
The following events take place when MSTRST is negated after assertion.
A. The CPU16 samples the BKPT input.
B. The CPU16 fetches RESET vectors in the following order:
1. Initial ZK, SK, and PK extension field values
2. Initial PC
3. Initial SP
4. Initial IZ value
Vectors can be fetched from internal RAM or from external ROM enabled by
the CSBOOT signal.
C. The CPU16 begins fetching instructions pointed to by the initial PK : PC.
5.7.10 Reset Status Register
The reset status register (RSR) contains a bit for each reset source in the MCU. When
a reset occurs, a bit corresponding to the reset type is set. When multiple causes of
reset occur at the same time, more than one bit in RSR may be set. The reset status
register is updated by the reset control logic when the RESET signal is released. Refer
to APPENDIX D REGISTER SUMMARY.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com