Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPMCK16Z4MPV20 Datasheet(PDF) 164 Page - Freescale Semiconductor, Inc

Part # SPMCK16Z4MPV20
Description  M68HC16Z Series
PDF  500 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPMCK16Z4MPV20 Datasheet(HTML) 164 Page - Freescale Semiconductor, Inc

Back Button SPMCK16Z4MPV20 Datasheet HTML 160Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 161Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 162Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 163Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 164Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 165Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 166Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 167Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 168Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 164 / 500 page
background image
SYSTEM INTEGRATION MODULE
M68HC16 Z SERIES
5-58
USER’S MANUAL
5.8 Interrupts
Interrupt recognition and servicing involve complex interaction between the SIM, the
CPU16, and a device or module requesting interrupt service. This discussion provides
an overview of the entire interrupt process. Chip-select logic can also be used to re-
spond to interrupt requests. Refer to 5.9 Chip-Selects for more information.
5.8.1 Interrupt Exception Processing
The CPU16 handles interrupts as a type of asynchronous exception. An exception is
an event that preempts normal processing. Exception processing makes the transition
from normal instruction execution to execution of a routine that deals with an excep-
tion. Each exception has an assigned vector that points to an associated handler rou-
tine. These vectors are stored in a vector table located in the first 512 bytes of address
bank 0. The CPU16 uses vector numbers to calculate displacement into the table. Re-
fer to 4.13 Exceptions for more information.
5.8.2 Interrupt Priority and Recognition
The CPU16 provides for seven levels of interrupt priority (1 – 7), seven automatic in-
terrupt vectors, and 200 assignable interrupt vectors. All interrupts with priorities less
than seven can be masked by the interrupt priority (IP) field in the condition code
register.
There are seven interrupt request signals (IRQ[7:1]). These signals are used internally
on the IMB, and there are corresponding pins for external interrupt service requests.
The CPU16 treats all interrupt requests as though they come from internal modules;
external interrupt requests are treated as interrupt service requests from the SIM.
Each of the interrupt request signals corresponds to an interrupt priority level. IRQ1
has the lowest priority and IRQ7 the highest.
The IP field consists of three bits (CCR[7:5]). Binary values %000 to %111 provide
eight priority masks. Masks prevent an interrupt request of a priority less than or equal
to the mask value (except for IRQ7) from being recognized and processed. When IP
contains %000, no interrupt is masked. During exception processing, the IP field is set
to the priority of the interrupt being serviced.
Interrupt recognition is determined by interrupt priority level and interrupt priority (IP)
mask value. The interrupt priority mask consists of three bits in the CPU16 condition
code register (CCR[7:5]). Binary values %000 to %111 provide eight priority masks.
Masks prevent an interrupt request of a priority less than or equal to the mask value
from being recognized and processed. IRQ7, however, is always recognized, even if
the mask value is %111.
IRQ[7:1] are active-low level-sensitive inputs. The low on the pin must remain asserted
until an interrupt acknowledge cycle corresponding to that level is detected.
IRQ7 is transition-sensitive as well as level-sensitive: a level-7 interrupt is not detected
unless a falling edge transition is detected on the IRQ7 line. This prevents redundant
servicing and stack overflow. A non-maskable interrupt is generated each time IRQ7
is asserted as well as each time the priority mask is written while IRQ7 is asserted. If
IRQ7 is asserted and the IP mask is written to any new value (including %111), IRQ7
will be recognized as a new IRQ7.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com