Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPMCK16Z4MPV20 Datasheet(PDF) 162 Page - Freescale Semiconductor, Inc

Part # SPMCK16Z4MPV20
Description  M68HC16Z Series
PDF  500 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPMCK16Z4MPV20 Datasheet(HTML) 162 Page - Freescale Semiconductor, Inc

Back Button SPMCK16Z4MPV20 Datasheet HTML 158Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 159Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 160Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 161Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 162Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 163Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 164Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 165Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 166Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 162 / 500 page
background image
SYSTEM INTEGRATION MODULE
M68HC16 Z SERIES
5-56
USER’S MANUAL
The SIM clock synthesizer provides clock signals to the other MCU modules. After the
clock is running and MSTRST is asserted for at least four clock cycles, these modules
reset. VDD ramp time and VCO frequency ramp time determine how long the four cy-
cles take. Worst case is approximately 15 milliseconds. During this period, module
port pins may be in an indeterminate state. While input-only pins can be put in a known
state by external pull-up resistors, external logic on input/output or output-only pins
during this time must condition the lines. Active drivers require high-impedance buffers
or isolation resistors to prevent conflict.
Figure 5-20 is a timing diagram for power-on reset. It shows the relationships between
RESET, VDD, and bus signals.
Figure 5-20 Power-On Reset
5.7.8 Use of the Three-State Control Pin
Asserting the three-state control (TSC) input causes the MCU to put all output drivers
in a disabled, high-impedance state. The signal must remain asserted for approxi-
mately ten clock cycles in order for drivers to change state.
When the internal clock synthesizer is used (MODCLK held high during reset), synthe-
sizer ramp-up time affects how long the ten cycles take. Worst case is approximately
20 milliseconds from TSC assertion.
When an external clock signal is applied (MODCLK held low during reset), pins go to
high-impedance state as soon after TSC assertion as approximately ten clock pulses
have been applied to the EXTAL pin.
16 POR TIM
CLKOUT
VCO
LOCK
BUS
CYCLES
RESET
VDD
NOTES:
1. INTERNAL START-UP TIME
2. FIRST INSTRUCTION FETCHED
2 CLOCKS
512 CLOCKS
10 CLOCKS
1
2
ADDRESS AND
CONTROL SIGNALS
THREE-STATED
BUS STATE
UNKNOWN
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com