Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT45F43 Datasheet(PDF) 115 Page - Holtek Semiconductor Inc

Part # HT45F43
Description  8-Bit Flash MCU with Op Amps & Comparators
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F43 Datasheet(HTML) 115 Page - Holtek Semiconductor Inc

Back Button HT45F43 Datasheet HTML 111Page - Holtek Semiconductor Inc HT45F43 Datasheet HTML 112Page - Holtek Semiconductor Inc HT45F43 Datasheet HTML 113Page - Holtek Semiconductor Inc HT45F43 Datasheet HTML 114Page - Holtek Semiconductor Inc HT45F43 Datasheet HTML 115Page - Holtek Semiconductor Inc HT45F43 Datasheet HTML 116Page - Holtek Semiconductor Inc HT45F43 Datasheet HTML 117Page - Holtek Semiconductor Inc HT45F43 Datasheet HTML 118Page - Holtek Semiconductor Inc HT45F43 Datasheet HTML 119Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 152 page
background image
Interrupt Priority
Interrupts, occurring in the interval between the rising edges of two consecutive T2 pulses, will be
serviced on the latter of the two T2 pulses, if the corresponding interrupts are enabled. In case of
simultaneous requests, the following table shows the priority that is applied.
Interrupt Source
Priority
Vector
External Interrupt 0
1
04H
External Interrupt 1
2
08H
Timer/Event Counter 0 Overflow
3
0CH
Timer/Event Counter 1 Overflow
4
10H
SPI/I
2C Interrupt
5
14H
Multi-function Interrupt
6
18H
The A/D converter interrupt, Time Base interrupt, External Peripheral interrupt, Comparator inter-
rupt, EEPROM interrupt, and LVD interrupt all share the same interrupt vector which is 18H. Each
of these interrupts has their own individual interrupt flag but also share the same MFF interrupt flag.
The MFF flag will be cleared by hardware once the Multi-function interrupt is serviced, however the
individual interrupts that have triggered the Multi-function interrupt need to be cleared by the appli-
cation program.
INTC0 Register
Bit
76543210
Name
¾
T0F
EIF1
EIF0
ET0I
EEI1
EEI0
EMI
R/W
¾
R/W
R/W
R/W
R/W
R/W
R/W
R/W
POR
¾
0000000
Bit 7
unimplemented, read as
²0²
Bit 6
T0F: Timer/Event counter 0 interrupt request flag
0: inactive
1: active
Bit 5
EIF1: External interrupt 1 request flag
0: inactive
1: active
Bit 4
EIF0: External interrupt 0 request flag
0: inactive
1: active
Bit 3
ET0I: Timer/Event counter 0 interrupt enable
0: disable
1: enable
Bit 2
EEI1: External interrupt 1 enable
0: disable
1: enable
Bit 1
EEI0: External interrupt 0 enable
0: disable
1: enable
Bit 0
EMI: Master interrupt global enable
0: global disable
1: global enable
HT45F23/HT45F43
8-Bit Flash MCU with Op Amps & Comparators
Rev. 1.20
115
September 15, 2011



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com