Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT45F43 Datasheet(PDF) 117 Page - Holtek Semiconductor Inc

Part # HT45F43
Description  8-Bit Flash MCU with Op Amps & Comparators
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F43 Datasheet(HTML) 117 Page - Holtek Semiconductor Inc

Back Button HT45F43 Datasheet HTML 113Page - Holtek Semiconductor Inc HT45F43 Datasheet HTML 114Page - Holtek Semiconductor Inc HT45F43 Datasheet HTML 115Page - Holtek Semiconductor Inc HT45F43 Datasheet HTML 116Page - Holtek Semiconductor Inc HT45F43 Datasheet HTML 117Page - Holtek Semiconductor Inc HT45F43 Datasheet HTML 118Page - Holtek Semiconductor Inc HT45F43 Datasheet HTML 119Page - Holtek Semiconductor Inc HT45F43 Datasheet HTML 120Page - Holtek Semiconductor Inc HT45F43 Datasheet HTML 121Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 117 / 152 page
background image
MFIC1 Register
Bit
76543210
Name
¾
LVDF
E2F
CF
¾
ELVDI
EE2I
ECI
R/W
¾
R/W
R/W
R/W
¾
R/W
R/W
R/W
POR
¾
000
¾
000
Bit 7
unimplemented, read as
²0²
Bit 6
LVDF: LVD interrupt request flag
0: inactive
1: active
Bit 5
E2F: EEPROM interrupt request flag
0: inactive
1: active
Bit 4
CF: Comparator interrupt request flag
0: inactive
1: active
Bit 3
unimplemented, read as
²0²
Bit 2
ELVDI: LVD interrupt enable
0: disable
1: enable
Bit 1
EE2I: EEPROM interrupt enable
0: disable
1: enable
Bit 0
ECI: Comparator interrupt enable
0: disable
1: enable
External Interrupt
The external interrupts are controlled by signal transitions on the pins INT0~INT1. An external
interrupt request will take place when the external interrupt request flags, EIF0~EIF1, are set, which
will occur when a transition, whose type is chosen by the edge select bits, appears on the external
interrupt pins. To allow the program to branch to its respective interrupt vector address, the global
interrupt enable bit, EMI, and respective external interrupt enable bit, EEI0~EEI1, must first be set.
Additionally the correct interrupt edge type must be selected using the INTEDGE register to enable
the external interrupt function and to choose the trigger edge type. As the external interrupt pins are
pin-shared with I/O pins, they can only be configured as external interrupt pins if their external
interrupt enable bit in the corresponding interrupt register has been set. The pin must also be setup as
an input by setting the corresponding bit in the port control register. When the interrupt is enabled, the
stack is not full and the correct transition type appears on the external interrupt pin, a subroutine call to
the external interrupt vector, will take place. When the interrupt is serviced, the external interrupt
request flags, EIF0~EIF1, will be automatically reset and the EMI bit will be automatically cleared to
disable other interrupts. Note that any pull-high resistor selections on the external interrupt pins will
remain valid even if the pin is used as an external interrupt input.
The INTEDGE register is used to select the type of active edge that will trigger the external interrupt. A
choice of either rising or falling or both edge types can be chosen to trigger an external interrupt. Note
that the INTEDGE register can also be used to disable the external interrupt function.
HT45F23/HT45F43
8-Bit Flash MCU with Op Amps & Comparators
Rev. 1.20
117
September 15, 2011
F i l t e r O n / O f f
C o n f i g u r a t i o n O p t i o n
I N T C 1
F i l t e r
I N T C 0
F i l t e r
E x t e r n a l I N T . 0
E x t e r n a l I N T . 1
M C U



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com