Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT45F43 Datasheet(PDF) 121 Page - Holtek Semiconductor Inc

Part # HT45F43
Description  8-Bit Flash MCU with Op Amps & Comparators
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F43 Datasheet(HTML) 121 Page - Holtek Semiconductor Inc

Back Button HT45F43 Datasheet HTML 117Page - Holtek Semiconductor Inc HT45F43 Datasheet HTML 118Page - Holtek Semiconductor Inc HT45F43 Datasheet HTML 119Page - Holtek Semiconductor Inc HT45F43 Datasheet HTML 120Page - Holtek Semiconductor Inc HT45F43 Datasheet HTML 121Page - Holtek Semiconductor Inc HT45F43 Datasheet HTML 122Page - Holtek Semiconductor Inc HT45F43 Datasheet HTML 123Page - Holtek Semiconductor Inc HT45F43 Datasheet HTML 124Page - Holtek Semiconductor Inc HT45F43 Datasheet HTML 125Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 121 / 152 page
background image
Time Base Interrupt
The function of the Time Base Interrupts is to provide regular time signal in the form of an internal
interrupt. They are controlled by the overflow signals from their respective timer functions. When these
happens their respective interrupt request flags, TB0F or TB1F will be set. To allow the program to
branch to their respective interrupt vector addresses, the global interrupt enable bit, EMI and Time Base
enable bits, TB0E or TB1E, must first be set. When the interrupt is enabled, the stack is not full and the
Time Base overflows, a subroutine call to their respective vector locations will take place. When the
interrupt is serviced, the respective interrupt request flag, TB0F or TB1F, will be automatically reset and
the EMI bit will be cleared to disable other interrupts.
The purpose of the Time Base Interrupt is to provide an interrupt signal at fixed time periods. Their
clock sources originate from the internal clock source fTB. This fTB input clock passes through a divider,
the division ratio of which is selected by programming the appropriate bits in the TBC register to
obtain longer interrupt periods whose value ranges. The clock source that generates fTB, which in turn
controls the Time Base interrupt period, can originate from several different sources, as shown in the
System Operating Mode section.
TBC Register
Bit
76543210
Name
TBON
TBCK
TB11
TB10
LXTLP
TB02
TB01
TB00
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
POR
00110111
Bit 7
TBON: TB0 and TB1 Control
0: Disable
1: Enable
Bit 6
TBCK: Select f
TB Clock
0: f
TBC
1: f
SYS/4
Bit 5~4
TB11~TB10: Select Time Base 1 Time-out Period
00: 4096/f
TB
01: 8192/f
TB
10: 16384/f
TB
11: 32768/f
TB
Bit 3
LXTLP: LXT Low Power Control
0: Disable
1: Enable
Bit 2~0
TB02~TB00: Select Time Base 0 Time-out Period
000: 256/f
TB
001: 512/f
TB
010: 1024/f
TB
011: 2048/f
TB
100: 4096/f
TB
101: 8192/f
TB
110: 16384/f
TB
111: 32768/f
TB
HT45F23/HT45F43
8-Bit Flash MCU with Op Amps & Comparators
Rev. 1.20
121
September 15, 2011
M
U
X
M
U
X
L X T
L I R C
f S Y S / 4
¸ 2 ~ 2
8
1 5
¸ 2 ~ 2
1 2
1 5
T B 1 1 ~ T B 1 0
T i m e B a s e 0 I n t e r r u p t
T i m e B a s e 1 I n t e r r u p t
C o n f i g u r a t i o n
O p t i o n
T B C K B i t
T B 0 2 ~ T B 0 0
f T B
f T B C
T o B u z z e r
Time Base Interrupt



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com