Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT45F43 Datasheet(PDF) 122 Page - Holtek Semiconductor Inc

Part # HT45F43
Description  8-Bit Flash MCU with Op Amps & Comparators
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F43 Datasheet(HTML) 122 Page - Holtek Semiconductor Inc

Back Button HT45F43 Datasheet HTML 118Page - Holtek Semiconductor Inc HT45F43 Datasheet HTML 119Page - Holtek Semiconductor Inc HT45F43 Datasheet HTML 120Page - Holtek Semiconductor Inc HT45F43 Datasheet HTML 121Page - Holtek Semiconductor Inc HT45F43 Datasheet HTML 122Page - Holtek Semiconductor Inc HT45F43 Datasheet HTML 123Page - Holtek Semiconductor Inc HT45F43 Datasheet HTML 124Page - Holtek Semiconductor Inc HT45F43 Datasheet HTML 125Page - Holtek Semiconductor Inc HT45F43 Datasheet HTML 126Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 122 / 152 page
background image
External Peripheral Interrupt
The External Peripheral Interrupt operates in a similar way to the external interrupt and is contained
within the Multi-function Interrupt. A Peripheral Interrupt request will take place when the External
Peripheral Interrupt request flag, PEF, is set, which occurs when a negative edge transition appears on
the PINT pin. To allow the program to branch to its respective interrupt vector address, the global
interrupt enable bit, EMI, external peripheral interrupt enable bit, PEI, and associated Multi-function
interrupt enable bit, must first be set. When the interrupt is enabled, the stack is not full and a negative
transition appears on the External Peripheral Interrupt pin, a subroutine call to the respective
Multi-function Interrupt, will take place. When the External Peripheral Interrupt is serviced, the EMI
bit will be automatically cleared to disable other interrupts, however only the Multi-function interrupt
request flag will be also automatically cleared.
As the PEF flag will not be automatically cleared, it has to be cleared by the application program. The
external peripheral interrupt pin is pin-shared with several other pins with different functions. It must
therefore be properly configured to enable it to operate as an External Peripheral Interrupt pin.
Comparator Interrupt
The Comparator Interrupt is contained within the Multi-function Interrupt.
The comparator interrupt is controlled by the two internal comparators. A comparator interrupt request
will take place when the comparator interrupt request flag, CF, is set, a situation that will occur when
the comparator output changes state. To allow the program to branch to its respective interrupt vector
address, the global interrupt enable bit, EMI, and comparator interrupt enable bit, ECI , must first be
set. When the interrupt is enabled, the stack is not full and the comparator input generates a comparator
output transition, a subroutine call to the comparator interrupt vector, will take place. When the
Comparator Interrupt is serviced, the EMI bit will be automatically cleared to disable other interrupts,
however only the Multi-function interrupt request flag will be also automatically cleared. As the CF
flag will not be automatically cleared, it has to be cleared by the application program.
EEPROM Interrupt
The EEPROM Interrupt is contained within the Multi-function Interrupt. An EEPROM Interrupt
request will take place when the EEPROM Interrupt request flag, E2F, is set, which occurs when an
EEPROM Write or Read cycle ends. To allow the program to branch to its respective interrupt vector
address, the global interrupt enable bit, EMI, EEPROM Interrupt enable bit, EE2I, and associated
Multi-function interrupt enable bit, must first be set. When the interrupt is enabled, the stack is not full
and an EEPROM Write or Read cycle ends, a subroutine call to the respective Multi-function Interrupt
vector, will take place. When the EEPROM Interrupt is serviced, the EMI bit will be automatically
cleared to disable other interrupts, however only the Multi-function interrupt request flag will be also
automatically cleared. As the E2F flag will not be automatically cleared, it has to be cleared by the
application program.
LVD Interrupt
The Low Voltage Detector Interrupt is contained within the Multi-function Interrupt. An LVD
Interrupt request will take place when the LVD Interrupt request flag, LVDF, is set, which occurs when
the Low Voltage Detector function detects a low power supply voltage. To allow the program to branch
to its respective interrupt vector address, the global interrupt enable bit, EMI, Low Voltage Interrupt
enable bit, ELVDI, and associated Multi-function interrupt enable bit, must first be set. When the
interrupt is enabled, the stack is not full and a low voltage condition occurs, a subroutine call to the
Multi-function Interrupt vector, will take place. When the Low Voltage Interrupt is serviced, the EMI
bit will be automatically cleared to disable other interrupts, however only the Multi-function interrupt
request flag will be also automatically cleared. As the LVDF flag will not be automatically cleared, it
has to be cleared by the application program.
Rev. 1.20
122
September 15, 2011
HT45F23/HT45F43
8-Bit Flash MCU with Op Amps & Comparators



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com