Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXDN0036 Datasheet(PDF) 10 Page - IXYS Corporation

Part # IXDN0036
Description  Several lamp types
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXDN0036 Datasheet(HTML) 10 Page - IXYS Corporation

Back Button IXDN0036 Datasheet HTML 6Page - IXYS Corporation IXDN0036 Datasheet HTML 7Page - IXYS Corporation IXDN0036 Datasheet HTML 8Page - IXYS Corporation IXDN0036 Datasheet HTML 9Page - IXYS Corporation IXDN0036 Datasheet HTML 10Page - IXYS Corporation IXDN0036 Datasheet HTML 11Page - IXYS Corporation IXDN0036 Datasheet HTML 12Page - IXYS Corporation IXDN0036 Datasheet HTML 13Page - IXYS Corporation IXDN0036 Datasheet HTML 14Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 41 page
background image
ATAVRFBKIT / EVLD001 User Guide
4-9
7597A–AVR–02/06
Section 4
Ballast Demonstrator Operation
4.1
General
Requirements
•
Constant power as determined by DALI or analog power setting
380 volt DC bus as provided by a power factor correcting boost regulator (PFC)
100% to 2% dimming setting
•
One or two lamps, type T8 of any characteristics
Ballast to compensate automatically
Hardware is capable of up to 40W per lamp
•
Line voltage of 90 to 265 VAC, 50 or 60 Hz
•
Control method
DALI power control – auto recognition of control means
0-10 volt power control – auto recognition of control means
One touch “Swiss” dimming
100% ON after ignition then dim to the last or current programmed value, if any.
4.2
Circuit Topology
Input filter with variator for noise suppression and protection.
PFC / boost circuit including IXI859 MOSFET driver
Megaballast microcontroller 24 pin SOIC
½ bridge driver
½ bridge power MOSFET stage for up to 2 lamps
Voltage driven filaments for wider lamp variety and better stability under all conditions
380VDC bus voltage after the PFC boost



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com