Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXDN0036 Datasheet(PDF) 15 Page - IXYS Corporation

Part # IXDN0036
Description  Several lamp types
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXDN0036 Datasheet(HTML) 15 Page - IXYS Corporation

Back Button IXDN0036 Datasheet HTML 11Page - IXYS Corporation IXDN0036 Datasheet HTML 12Page - IXYS Corporation IXDN0036 Datasheet HTML 13Page - IXYS Corporation IXDN0036 Datasheet HTML 14Page - IXYS Corporation IXDN0036 Datasheet HTML 15Page - IXYS Corporation IXDN0036 Datasheet HTML 16Page - IXYS Corporation IXDN0036 Datasheet HTML 17Page - IXYS Corporation IXDN0036 Datasheet HTML 18Page - IXYS Corporation IXDN0036 Datasheet HTML 19Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 41 page
background image
ATAVRFBKIT / EVLD001 User Guide
5-15
7597A–AVR–02/06
Section 5
Device Design & Application
5.1
Magnetics
PFC – Power Factor Correction
Without going into the derivations of the formulas used, the inductor design is as
follows:
L = 1.4 * 90VAC * 25µS
= 700µH
4.5A peak
The ON time has been discussed earlier and the OFF time maximum will occur at high
line condition at the peak of the haversine. A 16mm core was chosen for the recom-
mended power density at 200mT and 50KHz.
5.2
IXYS
IXTP02N50D
DEPLETION
MODE MOSFET
USED AS
CURRENT
SOURCE
The IXYS IXTP02N50D depletion mode MOSFET is used in this circuit to provide power
and a start-up voltage to the Vcc pin of the IXI859 charge pump regulator. The
IXTP02N50D acts as a current source and self regulates as the source voltage rises
above the 15V zener voltage and causes the gate to become more negative than the
source due to the voltage drop across the source resistor. Enough energy is available
from the current source circuit during the conduction angles to keep the IXI859 (U1) pin
1 greater than 14VDC as required to enable the Under Voltage Lock Out (UVLO) cir-
cuitry in the IXI859.
5.3
IXYS IXD611
Half- bridge
MOSFET driver
The IXD611 half bridge driver includes two independent high speed drivers capable of
600mA drive current at a supply voltage of 15V. The isolated high side driver can with-
stand up to 650V on its output while maintaining its supply voltage through a bootstrap
diode configuration. In this ballast application, the IXD611 is used in a half bridge
inverter circuit driving two IXYS IXTP3N50P power MOSFETs. The inverter load con-
sists of a serie resonant inductor and capacitor to power the lamps. Filament power is
also provided by the load circuit and is wound on the same core as the resonant induc-
tor. Pulse width modulation (PWM) is not used in this application, instead the power is
varied and the dimming of the lamps is controlled through frequency variation. It is
important to note that pulse overlap, which could lead to the destruction of the two MOS-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com