Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXDN0036 Datasheet(PDF) 5 Page - IXYS Corporation

Part # IXDN0036
Description  Several lamp types
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXDN0036 Datasheet(HTML) 5 Page - IXYS Corporation

  IXDN0036 Datasheet HTML 1Page - IXYS Corporation IXDN0036 Datasheet HTML 2Page - IXYS Corporation IXDN0036 Datasheet HTML 3Page - IXYS Corporation IXDN0036 Datasheet HTML 4Page - IXYS Corporation IXDN0036 Datasheet HTML 5Page - IXYS Corporation IXDN0036 Datasheet HTML 6Page - IXYS Corporation IXDN0036 Datasheet HTML 7Page - IXYS Corporation IXDN0036 Datasheet HTML 8Page - IXYS Corporation IXDN0036 Datasheet HTML 9Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 41 page
background image
Introduction
ATAVRFBKIT / EVLD001 User Guide
1-3
7597A–AVR–02/06
1.1
General
Description
Fluorescent ballast topology usually includes line conditioning for CE and UL compli-
ance, a power factor correction block including a boost converter to 380 V for universal
input applications and a half bridge inverter. By varying the frequency of the inverter, the
controller will preheat the filaments (high frequency), then ignite the tube (reducing the
frequency). Once the tube is lit, varying the frequency will dim the light. The Atmel
AT90PWMx microcontroller can be programmed to perform all these functions.
Figure 1-2. Ballast Demonstrator Board
1.2
Ballast
Demonstrator
Features
• Automatic microcontroller dimmable ballast
• Universal input – 90 to 265 VAC 50/60 Hz, 90 to 370 VDC
• Power Factor Corrected (PFC) boost regulator
• Power feedback for stable operation over line voltage range
• Variable frequency half bridge inverter
• 18W, up to 2 type T8 lamps
• Automatic dimmable single lamp operation
• Automatic detection of Swiss, DALI, or 0 – 10V dimming control
• Very versatile power saving options with microcontroller design for most functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com