Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXDN0036 Datasheet(PDF) 39 Page - IXYS Corporation

Part # IXDN0036
Description  Several lamp types
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXDN0036 Datasheet(HTML) 39 Page - IXYS Corporation

Back Button IXDN0036 Datasheet HTML 33Page - IXYS Corporation IXDN0036 Datasheet HTML 34Page - IXYS Corporation IXDN0036 Datasheet HTML 35Page - IXYS Corporation IXDN0036 Datasheet HTML 36Page - IXYS Corporation IXDN0036 Datasheet HTML 37Page - IXYS Corporation IXDN0036 Datasheet HTML 38Page - IXYS Corporation IXDN0036 Datasheet HTML 39Page - IXYS Corporation IXDN0036 Datasheet HTML 40Page - IXYS Corporation IXDN0036 Datasheet HTML 41Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 39 / 41 page
background image
Conclusion
7-40
ATAVRFBKIT / EVLD001 User Guide
7597A–AVR–02/06
5
5
4
4
3
3
2
2
1
1
D
D
C
C
B
B
A
A
PE2
PD4
PD4
ADC7
PD4
ADC7
PD3
PD3
PE2
PE2
PE1
PE1
PE2
VCC
VCC
10V
10V
VCC
VCC
VCC
VCC
10V
10V
10V
10V
10V
VCC
VCC
VCC
PD0
PB0
HF_OUT
PB1
PB7ADC4
PD5 ACMP2
PD6 ACD3
PB5 ADC6
PB2 ADC5
PB4 AMP0+
SWISS
PD7 ACMP0
BOOST10V
Title
Size
Document Number
Rev
Date:
Sheet
of
C-2346-2
3.1
C
22
Friday, September 23, 2005
WL Williamson & ASSOC
Ballast Control
Title
Size
Document Number
Rev
Date:
Sheet
of
C-2346-2
3.1
C
22
Friday, September 23, 2005
WL Williamson & ASSOC
Ballast Control
Title
Size
Document Number
Rev
Date:
Sheet
of
C-2346-2
3.1
C
22
Friday, September 23, 2005
WL Williamson & ASSOC
Ballast Control
4 to 8 ma @ 36 KHz
10 VDC
5 ma
DALI must recognize the difference in
pulse rate between the DALI input,
the VCO output range and the much
longer Swiss control.
PRELIMINARY
BZX84C5V6SDICT-ND
BC857BLT1OSCT-ND
RH02DICT-ND
1. DALI
2. DALI
3. 0 to 10 V control (+)
4. 0 to 10 V control (-)
HAVERSINE
400 V DET.
CURRENT SENSE
PFC ZERO
400 V DETECT
CURRENT SENSE
TEMP SENSE
RECTIFIED LAMP VOLTAGE
END OF LIFE CKT
2ND SECONDARY ON PFC TRANSFORMER
SINGLE LAMP
OPERATION
PIN
JUMPER IN
THROW AWAY JUMPER FOR DUAL
LAMP
SPARE IF CODE RECOGNIZES SINGLE LAMP
PSCIN0
0 - 10 V FREQ. IN
LOCATE IN CENTER OF BOARD
RX
TX
R61
330 K
R61
330 K
R58
43 K
R58
43 K
R55
100 K
R55
100 K
C25
1uF
C25
1uF
+
C29
10uF 25V
+
C29
10uF 25V
R38
2.2K
R38
2.2K
D23
10V Zener
D23
10V Zener
C40
.1uF
C40
.1uF
+
C41
10uF 25V
+
C41
10uF 25V
C26
.1uF
C26
.1uF
R50
100
R50
100
C36
.1uF
C36
.1uF
-+
BR2
0.5A 200V
-+
BR2
0.5A 200V
1
2
R40
10K
R40
10K
D20
LL4148-13
D20
LL4148-13
R64
100 OHM
R64
100 OHM
ISO4
LDA111S
ISO4
LDA111S
C48
.01uF
C48
.01uF
J2
HEADER6PIN
J2
HEADER6PIN
PDO
1
VCC
2
SCK
3
PDI
4
RESET*
5
GND
6
R36 100 K
R36 100 K
R47
10R
R47
10R
C27
.1uF
C27
.1uF
JP3
JUMPER
JP3
JUMPER
1
2
R42
100 K
R42
100 K
C24
.1uF
C24
.1uF
C32
.1uF
C32
.1uF
R65
1 K
R65
1 K
Q8
BC846BCT
Q8
BC846BCT
1
J5
CON4
J5
CON4
1
2
3
4
R45
100 K
R45
100 K
Q9
PNP BCE
Q9
PNP BCE
R69
100 K
R69
100 K
D25
LL4148-13
D25
LL4148-13
R43
4.7K
R43
4.7K
R67
43 K
R67
43 K
R71
10K
R71
10K
ISO3
LDA111S
ISO3
LDA111S
R68
22 OHM
R68
22 OHM
R57
22 K
R57
22 K
R39
12K
R39
12K
R62
1M
R62
1M
C42
1 nF 600 V
C42
1 nF 600 V
C37
.01uF
C37
.01uF
D24
LL4148-13
D24
LL4148-13
R35
12K
R35
12K
R66
1 K
R66
1 K
Q6
BC857B
Q6
BC857B
ISO2
LDA111S
ISO2
LDA111S
Q10
PNP BCE
Q10
PNP BCE
R41
4.7K
R41
4.7K
C45
47nF
C45
47nF
R59
4.7K
R59
4.7K
Q7
BC846BCT
Q7
BC846BCT
1
J4
CON2
J4
CON2
1
2
C28
1nF
C28
1nF
TP1
TESTPT
TP1
TESTPT
C38
200 pF 1 KV
C38
200 pF 1 KV
C39
200 pF 1 KV
C39
200 pF 1 KV
U5
LMC555CM
U5
LMC555CM
Vss
1
Trig
2
Output
3
Reset
4
Control
5
Thres
6
Disch
7
VDD
8
R49
470
R49
470
R60
100 K
R60
100 K
C43
200 pF 1 KV
C43
200 pF 1 KV
R54
22 K
R54
22 K
U3
AT90PWM2
U3
AT90PWM2
PDO (PSCOUT00/XCK/SS_A)
1
PEO (RESET/OCD)
2
PD1 (PSCIN0/CLK)
3
PD2 (PSCIN2/OC1A/MISO_A)
4
PD3 (TXD/DALI/OC0A/MOSI_A)
5
VCC
6
GND
7
PBO (PSCOUT20)
8
PB1 (PSCOUT21)
9
PE1 (OC0B/XTAL1)
10
PE2 (ADC0/XTAL2)
11
PD4 (ADC1/RXD/DALI/CP1A/SCL_A)
12
(ADC2/ACMP2) PD5
13
(ADC3/ACMPM/INT0) PD6
14
(ACMP0) PD7
15
(ADC5/INT1) PB2
16
AVCC
17
AGND
18
AREF
19
(AMP-) PB3
20
(AMP0+) PB4
21
(ADC6/INT2) PB5
22
(ADC7/ICP1B) PB6
23
(ADC4/PSCOUT01) PB7
24
R52
1K
R52
1K
R37
22 OHM
R37
22 OHM
R44
100 K
R44
100 K
D22
LL4148-13
D22
LL4148-13
R48
100 K
R48
100 K
C44
200 pF 1 KV
C44
200 pF 1 KV
C47
.1uF
C47
.1uF
TP2
TESTPT
TP2
TESTPT
R63
100 K
R63
100 K
D21
LL4148-13
D21
LL4148-13
R56
1.5K
R56
1.5K
J3
CON2
J3
CON2
1
2
C23
.1uF
C23
.1uF
R51
10K
R51
10K
D19
LL4148-13
D19
LL4148-13
C31
100PF
C31
100PF
C33
.1uF
C33
.1uF
R46
10K
R46
10K
C30
.1uF
C30
.1uF
C35
1uF
C35
1uF
ISO1
LDA111S
ISO1
LDA111S
R53
100 K
R53
100 K
R70
0 OHM
R70
0 OHM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com