Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXDN0036 Datasheet(PDF) 8 Page - IXYS Corporation

Part # IXDN0036
Description  Several lamp types
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXDN0036 Datasheet(HTML) 8 Page - IXYS Corporation

Back Button IXDN0036 Datasheet HTML 4Page - IXYS Corporation IXDN0036 Datasheet HTML 5Page - IXYS Corporation IXDN0036 Datasheet HTML 6Page - IXYS Corporation IXDN0036 Datasheet HTML 7Page - IXYS Corporation IXDN0036 Datasheet HTML 8Page - IXYS Corporation IXDN0036 Datasheet HTML 9Page - IXYS Corporation IXDN0036 Datasheet HTML 10Page - IXYS Corporation IXDN0036 Datasheet HTML 11Page - IXYS Corporation IXDN0036 Datasheet HTML 12Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 41 page
background image
ATAVRFBKIT / EVLD001 User Guide
3-7
7597A–AVR–02/06
Section 3
Microcontroller Port Pin
Assignments
PD0
PCOUT00
PFC_OUTPUT - To IXI859 FET driver input
PD1
PSCIN0
DUAL_LAMP - Dual lamp detection
PD3
TXD/DALI
DALI_TX - DALI transmit line
PD4
RXD/DALI
DALI_RX - DALI receive line
PD5
ADC2
LAMP_EOL - Not supported in hardware or software
PD6
ADC3
V_LAMP - Rectified lamp voltage sense, missing lamp,
open or shorted filament, preheat, ignition & run.
PD7
ACMP0
PFC_ZCD - Comparator for PFC zero current crossing
sense
PB0
PSCOUT20
INVERTER_L - Low side ½ bridge driver output
PB1
PSCOUT21
INVERTER_H - High side ½ bridge driver output
PB2
ADC5
V_BUS - 380VDC bus voltage sense for regulation.
PB3
AMP0-
GND - Diff amp - A/D, 1 ohm bus current shunt resistor
PB4
AMP0+
I_LAMP - Diff amp + A/D
PB5
ADC6
TEMPERATURE - Ambient temperature in lamp housing
PB6
ADC7
ZERO_TEN_V - 0 to 10V control input
PB7
ADC4
V_HAVERSINE - Haversine input sense.
PE0
RST#
RESET - Reset pin for zero crossing detector
PE1
PE1
SWISS_CTRL - SWISS Control input
PE2
ADC0
SWITCH_0_10 - Switch ON/OFF for 0-10V interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com