Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXDN0036 Datasheet(PDF) 16 Page - IXYS Corporation

Part # IXDN0036
Description  Several lamp types
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXDN0036 Datasheet(HTML) 16 Page - IXYS Corporation

Back Button IXDN0036 Datasheet HTML 12Page - IXYS Corporation IXDN0036 Datasheet HTML 13Page - IXYS Corporation IXDN0036 Datasheet HTML 14Page - IXYS Corporation IXDN0036 Datasheet HTML 15Page - IXYS Corporation IXDN0036 Datasheet HTML 16Page - IXYS Corporation IXDN0036 Datasheet HTML 17Page - IXYS Corporation IXDN0036 Datasheet HTML 18Page - IXYS Corporation IXDN0036 Datasheet HTML 19Page - IXYS Corporation IXDN0036 Datasheet HTML 20Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 41 page
background image
Device Design & Application
5-16
ATAVRFBKIT / EVLD001 User Guide
7597A–AVR–02/06
FETs due to current shoot through, is prevented via the input drive signals through the
microcontroller.
Other features of the IXD611 driver include:
• Wide supply voltage operation 10-35V
• Matched propagation delay for both drivers
• Undervoltage lockout protection
• Latch up protected over entire operating range
• +/- 50V/ns dV/dt immunity
5.4
IXYS IXI859
Charge Pump
Regulator
The IXI859 charge pump regulator integrates three primary functions central to the PFC
stage of the ballast demonstrator. First it includes a linear regulated supply voltage out-
put, and in this application the linear regulator provides 3.3V to run the microcontroller.
The second function is a gate drive buffer that switches an external power MOSFET
used to boost the PFC voltage to 380V. Once the microcontroller is booted up and run-
ning, it generates the input signal to drive the PFC MOSFET through the IXI859 gate
drive buffer. Finally, the third function provides two point regulated supply voltage for
operating external devices. As a safety feature, the IXI859 includes an internal Vcc
clamp to prevent damage to itself due to over-voltage conditions.
In general applications at start-up, an R-C combination is employed at the Vcc supply
pin that ramps up a trickle voltage to the Vcc pin from a high voltage offline source. The
value of R is large to protect the internal zener diode clamp and as a result, cannot sup-
ply enough current to power the microcontroller on it’s own. C provides energy to boot
the microcontroller. At a certain voltage level during the ramp up, the Under Voltage
Lock Out point is reached and the IXI859 enables itself. The internal voltage regulator
that supplies the microcontroller is also activated during this time. However, given the
trickle charge nature of the Vcc input voltage, the microcontroller must boot itself up and
enable PFC operation to provide charge pump power to itself. This means that the R-C
combination must be sized carefully so that the voltage present at the Vcc pin does not
collapse too quickly under load and causes the UVLO circuitry to disable device opera-
tion before the microcontroller can take over the charge pump operation. Also note that
there is an internal comparator that only releases charge pump operation when the Vcc
voltage drop below 12.85V. The charge pump is released and Vcc voltage is pumped up
to 13.15V at which time the internal comparator disables the charge pump. This results
in a tightly regulated charge pump voltage.
One problem with the R-C combination described above is that when a universal range
is used at the Vcc pin, 90-265VAC, R must dissipate nine times the power, current
squared function for power in R, over a three-fold increase of voltage from 90V at the
low end to 265V on the high end. As an alternative and as used in the ballast demon-
strator, the Vcc pin is fed voltage by way of a constant current source as previously
described in section 6.2. This circuit brings several advantages over the regular R-C
usage. First we can reduce power consumed previously by R and replace it with a circuit
that can provide power at startup. It can also provide sufficient power to run the micro-
controller unlike the R-C combination. This would be an advantage in the case that a



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com