Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXDN0036 Datasheet(PDF) 13 Page - IXYS Corporation

Part # IXDN0036
Description  Several lamp types
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXDN0036 Datasheet(HTML) 13 Page - IXYS Corporation

Back Button IXDN0036 Datasheet HTML 9Page - IXYS Corporation IXDN0036 Datasheet HTML 10Page - IXYS Corporation IXDN0036 Datasheet HTML 11Page - IXYS Corporation IXDN0036 Datasheet HTML 12Page - IXYS Corporation IXDN0036 Datasheet HTML 13Page - IXYS Corporation IXDN0036 Datasheet HTML 14Page - IXYS Corporation IXDN0036 Datasheet HTML 15Page - IXYS Corporation IXDN0036 Datasheet HTML 16Page - IXYS Corporation IXDN0036 Datasheet HTML 17Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 41 page
background image
Ballast Demonstrator Operation
4-12
ATAVRFBKIT / EVLD001 User Guide
7597A–AVR–02/06
Initially, the lamp is started at a frequency well above resonance at 80KHz before ramp-
ing down to 55KHz for ignition. 80KHz provides a lagging power factor where most of
the drive voltage appears across the inductor. A smaller voltage appears across the res-
onating capacitor and the lamps. However with 1 mH gapped inductance, there is
sufficient inductor current to heat the filaments.
For lamp ignition, the frequency is reduced from 80 KHz to 40 KHz at 30 KHz/sec
towards resonance causing the lamp voltage to rise to about 340V peak. Ignition occurs
at about 40KHz for a 18W T8 lamp. The plasma established in the lamp presents a
resistive load across the resonating capacitor thereby reducing the voltage across the
capacitor and shifting the reactive power in the bridge circuit to resistive power in the
lamp.
A further reduction in frequency to 32KHz at 30KHz/sec establishes maximum bright-
ness as the resonant circuit now has a leading (capacitive) power factor causing more
voltage and current (approx. 360 Vpeak) across the capacitor and the lamp.
Dimming is accomplished by raising the drive frequency towards 100 KHz. The lower
lamp (capacitor) voltage caused by changing from a leading to a lagging (inductive)
power factor and the resulting drop in lamp current causes lamp dimming. The visual
perception of brightness is logarithmic with applied power and must be taken into
account in the control method scheme.
4.4.1
Single Lamp
Operation
Single lamp operation can be detected from the 380VDC bus current through a 1 ohm
sense resistor sensed by the differential input PB3/PB4. The AT90PWMx differential
amplifier has the gain preset in the source code at 10. This scales the 200mV for two
lamps to a reasonable A/D resolution. PB4 requires low pass filtering. Through the 1
ohm sense resistor R28, V = I*R = 80 Watts*1/380V = 210mA*1 = 210mV. At preheat,
the current for one lamp is half that for two lamps. This current is also used to sense
open filament condition or lamp removed under power condition. An abrupt change in
the bus current is a good indicator of lamp condition that does not require a high fre-
quency response or a minimal response due to reactive currents.
Once single lamp condition is detected, the minimum run frequency is determined by
lamp current PB4 < 100mV. If the single lamp condition occurs while running, as noted
by a decrease in current of more than 20% from the preset level, increase the frequency
until the PB4 = 90mV. If the PB4 increases to 120mV, assume the lamp has been
replaced. Increase the frequency to 80KHz to restart the ignition process. This is neces-
sary to preheat the new lamp filament to ensure that the hot lamp will not ignite any
sooner than the cold lamp, exceeding the balance transformer range. Start the ignition
sequence. With one cold lamp in parallel with one hot lamp, it may be necessary to
restart several times to get both lamps to ignite.
Note that the lamp and resonant circuit use a common return ground separate from the
rest of the circuit. The ballast demonstrator uses active power feedback of the sense
voltage vs. drive frequency to meet power objectives. Also note that the differential
amplifier is connected across the current sense resistor R28 to ensure a Kelvin connec-
tion. Layout of the amplifier + and – is critical for fast noise free loop response.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com