Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXDN0036 Datasheet(PDF) 12 Page - IXYS Corporation

Part # IXDN0036
Description  Several lamp types
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXDN0036 Datasheet(HTML) 12 Page - IXYS Corporation

Back Button IXDN0036 Datasheet HTML 8Page - IXYS Corporation IXDN0036 Datasheet HTML 9Page - IXYS Corporation IXDN0036 Datasheet HTML 10Page - IXYS Corporation IXDN0036 Datasheet HTML 11Page - IXYS Corporation IXDN0036 Datasheet HTML 12Page - IXYS Corporation IXDN0036 Datasheet HTML 13Page - IXYS Corporation IXDN0036 Datasheet HTML 14Page - IXYS Corporation IXDN0036 Datasheet HTML 15Page - IXYS Corporation IXDN0036 Datasheet HTML 16Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 41 page
background image
Ballast Demonstrator Operation
ATAVRFBKIT / EVLD001 User Guide
4-11
7597A–AVR–02/06
The PFC ON time is modified proportionally to the error between 380V and the actual
value of the bus. In case the Vbus reaches the overshoot value of 410V the pulse is
reduced to 0.
This control loop will determine the regulation response to ripple current on the 380V
bulk filter cap and the loads for a specific application design requirements.
4.3.1
System Sequential
Step Description
Main voltage applied.
Undervoltage lockout (UVLO) released.
IXI859 voltage regulator supplies 3.3V to microcontroller.
Power microcontroller ON in low current standby mode.
Disable ½ bridge drive output PB0 & PB1
Disable PD5 comparator (Not implemented).
PB7, scaled haversine voltage must be >0.848 Vmin (90VAC) & <2.497 (265VAC)
Vmax (haversine peak) for the PFC to start.
-Check AC line condition every 200 mS maximum (10 cycles of 50 Hz).
-If the check fails, halt PD0, PB0, PB1 and set line voltage alarm high or low. Do not
restart until line within specs to protect PFC.
PD0 soft start PFC with 10µS pulses at 50µS period for 800µS.
Monitor comparator at PD7 for change 1 to 0 indicating a zero crossing of the
PFC inductor secondary voltage. This occurs after the 10µS start pulse burst.
If no PD7 change and after 800µS halt PD0, wait 1 second and provide PD0
with 10µS pulses for 800µS. Try 10 times and if no crossing, set PFC alarm.
After PD7 comparator transition and 380VDC (2.368V at PB2), enable PFC control loop.
-Set PB2 (380VDC sense) setpoint to 2.368V with deadband.
-If PB2 > 2.50V then inhibit PD0 pulse.
-If PB2 = < 2.368V then use the control loop to establish the PD0 PFC pulse width.
Limit pulse width to 25uS or as determined by the haversine peak voltage.
After PD0 PFC pulse, wait until PD0 = 0 & PD7 = 0 (PD0 off time) then enable
PD0 pulse according to table of error from setpoint.
-If PB2 (380V sense) > A/D 255 = overshoot.
When PB7 < 0.100V, limit PD0 minimum to 5 µS to reduce distortion at havers-
ine zero
crossover.
4.4
Lamp Operation
Description
T4 primary and C11 form a serial resonant circuit driven by the output half bridge. Since
the output is between 380V and 0V, DC isolation is provided by C14 to drive the lamp
circuit with AC. The lamp is placed across the resonating capacitor C11. The lamp fila-
ments are driven by windings on T1 secondaries to about 3Vrms so that the resonating
inductor current provides the starting lamp filament current.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com