Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXDN0036 Datasheet(PDF) 33 Page - IXYS Corporation

Part # IXDN0036
Description  Several lamp types
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXDN0036 Datasheet(HTML) 33 Page - IXYS Corporation

Back Button IXDN0036 Datasheet HTML 29Page - IXYS Corporation IXDN0036 Datasheet HTML 30Page - IXYS Corporation IXDN0036 Datasheet HTML 31Page - IXYS Corporation IXDN0036 Datasheet HTML 32Page - IXYS Corporation IXDN0036 Datasheet HTML 33Page - IXYS Corporation IXDN0036 Datasheet HTML 34Page - IXYS Corporation IXDN0036 Datasheet HTML 35Page - IXYS Corporation IXDN0036 Datasheet HTML 36Page - IXYS Corporation IXDN0036 Datasheet HTML 37Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 41 page
background image
Conclusion
7-34
ATAVRFBKIT / EVLD001 User Guide
7597A–AVR–02/06
The lamps are dimmed for as long as the switch is pressed or until the minimum or max-
imum dimmer setting is reached.
7.2
Appendix 2:
Capacitor
Coupled Low
Voltage Supply
Small currents for the low voltage supply can be obtained from the AC line at
low loss by means of capacitor coupling as shown in the figures below. To esti-
mate the required size of the coupling capacitor, use the following relationships
for current, charge, voltage and capacitance.
1.dQ/dt = I
DC
Figure 7-1. Negative Line Half Cycle
Figure 7-2. Positive Line Half Cycle
1.dV = 2Vpk-Vo-2V
D
2.dQ = CdV or C = dQ/dV
For example, to obtain 15 ma at 20 VDC from a 220 Vrms 50 Hz line:
1.dQ/dt = (15 millijoules/sec)/(50 cycles/sec) or 0.3 millijoules / cycle.
AC
C1
VD
VD
C2
“Negative” line half -cycle:
C1 charges to Vpk - VD with polarity shown.
Vo
Ich1
IDC
-VPK
-VC1 +
AC
C1
VD
VD
C2
“Positive” line half -cycle:
C1 charges to Vpk - VD - Vo with polarity shown.
Vo
Ich2
IDC
+VPK
+ VC1 -



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com