Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXDN0036 Datasheet(PDF) 30 Page - IXYS Corporation

Part # IXDN0036
Description  Several lamp types
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXDN0036 Datasheet(HTML) 30 Page - IXYS Corporation

Back Button IXDN0036 Datasheet HTML 26Page - IXYS Corporation IXDN0036 Datasheet HTML 27Page - IXYS Corporation IXDN0036 Datasheet HTML 28Page - IXYS Corporation IXDN0036 Datasheet HTML 29Page - IXYS Corporation IXDN0036 Datasheet HTML 30Page - IXYS Corporation IXDN0036 Datasheet HTML 31Page - IXYS Corporation IXDN0036 Datasheet HTML 32Page - IXYS Corporation IXDN0036 Datasheet HTML 33Page - IXYS Corporation IXDN0036 Datasheet HTML 34Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 41 page
background image
ATPWMx Demonstrator Software
ATAVRFBKIT / EVLD001 User Guide
6-31
7597A–AVR–02/06
LAMP_OFF
Nothing happens, the exiting of this state takes place as soon as the gv_pfc_state is set
to PFC_CONTROL_LOOP.
CONFIGURE_LAMP_PREHEAT
This is the first time the lamp is attempted to be started once the user has requested to
switch it on.
Configure the amplifier0, which is used to measure the current, then configure the PSC2
according to the definitions in the config.h file, and initialize all the lamp control
variables.
Then jump to the LAMP_PREHEAT state.
LAMP_PREHEAT
Starts the preheat sequence for LAMP_PREHEAT_TIME.
Then jump to the LAMP_NUMBER_CHECK state.
LAMP_NUMBER_CHECK
Check the preheat current in order to know whether there is one or two lamps
Then jump to the START_IGNITION state.
In the case there is no lamp, jump to the NO_LAMP state.
START_IGNITION
Dec r ea se
th e
fr equ en cy
fro m
th e
init
fr eq ue ncy
d o wn
t o
INVERTER_IGNITION_HALF_PERIOD.
Then jump to the IGNITION state.
IGNITION
The ignition sequence consists of maintaining the ignition frequency determined by
INVERTER_IGNITION_HALF_PERIOD for 10ms, and then checking if ignition occurs
by measuring lamp current and voltage.
In case it is... START_RUN_MODE.
In case it isn’t... RESTART_PREHEAT.
RESTART_PREHEAT
Reconfigure the Inverter with the Restart parameters, then go to LAMP_PREHEAT.
If Ignition fails too many times... Go to TOO_MANY_LAMP_IGNITION_TRIES.
START_RUN_MODE
Increase the frequency from the init frequency, INVERTER_IGNITION_HALF_PERIOD.
Then jump to the RUN_MODE state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com