Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXDN0036 Datasheet(PDF) 4 Page - IXYS Corporation

Part # IXDN0036
Description  Several lamp types
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXDN0036 Datasheet(HTML) 4 Page - IXYS Corporation

  IXDN0036 Datasheet HTML 1Page - IXYS Corporation IXDN0036 Datasheet HTML 2Page - IXYS Corporation IXDN0036 Datasheet HTML 3Page - IXYS Corporation IXDN0036 Datasheet HTML 4Page - IXYS Corporation IXDN0036 Datasheet HTML 5Page - IXYS Corporation IXDN0036 Datasheet HTML 6Page - IXYS Corporation IXDN0036 Datasheet HTML 7Page - IXYS Corporation IXDN0036 Datasheet HTML 8Page - IXYS Corporation IXDN0036 Datasheet HTML 9Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 41 page
background image
Introduction
1-2
ATAVRFBKIT / EVLD001 User Guide
7597A–AVR–02/06
Figure 1-1. Fluorescent Tube Composition
Since the argon conductivity increases and resistance across the lamp ends decreases
as the gas becomes excited, an inductance (ballast) must be used to limit and control
the gas current. In the past, an inductor could be designed to limit the current for a nar-
row range of power voltage and frequency. A better method to control gas current is to
vary an inductor’s volt-seconds to achieve the desired lamp current and intensity. A vari-
able frequency inverter operating from a DC bus can do this. If the inductor is part of an
R-L-C circuit, rapid start ignition currents, maximum intensity, and dimming currents are
easily controlled depending on the driving frequency versus resonant frequency.
A ballast should include a power factor corrector (PFC) to keep the main current and
voltage in phase with a very low distortion over a wide range of 90 to 265 VAC 50/60 Hz.
With microcontroller control, economical remote analog or digital control of lamp func-
tion and fault reporting are a reality. Moreover, adjusting the lamp power to correspond
with human perceived light level is possible. An application specific microcontroller
brings the designer the flexibility to increase performance and add features to his light-
ing product. Some of the possible features are described in detail below. The final
design topology is shown in the block diagram of figure 3.
Now, a new way of dimming fluorescent lamps fills the incandescent/fluorescent feature
gap plus adds many additional desirable features at a very reasonable cost.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com