Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXDN0036 Datasheet(PDF) 34 Page - IXYS Corporation

Part # IXDN0036
Description  Several lamp types
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXDN0036 Datasheet(HTML) 34 Page - IXYS Corporation

Back Button IXDN0036 Datasheet HTML 30Page - IXYS Corporation IXDN0036 Datasheet HTML 31Page - IXYS Corporation IXDN0036 Datasheet HTML 32Page - IXYS Corporation IXDN0036 Datasheet HTML 33Page - IXYS Corporation IXDN0036 Datasheet HTML 34Page - IXYS Corporation IXDN0036 Datasheet HTML 35Page - IXYS Corporation IXDN0036 Datasheet HTML 36Page - IXYS Corporation IXDN0036 Datasheet HTML 37Page - IXYS Corporation IXDN0036 Datasheet HTML 38Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 41 page
background image
Conclusion
ATAVRFBKIT / EVLD001 User Guide
7-35
7597A–AVR–02/06
2.Over 1 cycle, the coupling capacitor (C1) will charge from –220V x 1.4 to
+220V x 1.4 – 20V- V
D.
dV = 2*Vpk-Vo-2V
D.
dV ~= 600V.
3. The required C1 ~ 0.3 millijoules/600V or 0.5 uF
In practice, C1 may have to be larger depending on the amount of ripple allowed by C2
and to account for component tolerances, minimum voltage, and current in the regulator
diode. C1 must be a non-polarized type with a voltage rating to withstand the peak line
voltage including transients. A high quality film capacitor is recommended.
7.3
Appendix 3: PFC
Basics
The function of the PFC boost regulator is to produce a regulated DC supply voltage
from a full wave rectified AC line voltage while maintaining a unity power factor load.
This means that the current drawn from the line must be sinusoidal and in phase with
the line voltage.
The ballast PFC circuit accomplishes this by means of a boost converter operating (See
Figure 7-3) at critical conduction so that the current waveform is triangular (See Figure
7-4).
Figure 7-3. PFC Boost Regulator
The boost switch ON time is maintained constant over each half cycle of the input volt-
age sinusoid. Therefore the peak current for each switching cycle is proportional to the
line voltage which is nearly constant during Ton. (Ipk = Vin x Ton/L). Since the average
value of a triangular waveform is ½ its peak value, the average current drawn is also
proportional to the line voltage.
Figure 7-4. Main voltage supply cutting
PFC Inductor
PFC BOOST REGULATOR
POWER
VOLTAGE
Vin
Vbus
Ion = (Vin x t )/ L
Ioff
PFC Switch
PFC
DRIVING
Main Supply
Voltage
Ipeak = Vin x Ton / L
Imean = Ipeak/2
Actual switching frequency
is higher than shown



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com