Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXDN0036 Datasheet(PDF) 14 Page - IXYS Corporation

Part # IXDN0036
Description  Several lamp types
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXDN0036 Datasheet(HTML) 14 Page - IXYS Corporation

Back Button IXDN0036 Datasheet HTML 10Page - IXYS Corporation IXDN0036 Datasheet HTML 11Page - IXYS Corporation IXDN0036 Datasheet HTML 12Page - IXYS Corporation IXDN0036 Datasheet HTML 13Page - IXYS Corporation IXDN0036 Datasheet HTML 14Page - IXYS Corporation IXDN0036 Datasheet HTML 15Page - IXYS Corporation IXDN0036 Datasheet HTML 16Page - IXYS Corporation IXDN0036 Datasheet HTML 17Page - IXYS Corporation IXDN0036 Datasheet HTML 18Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 41 page
background image
Ballast Demonstrator Operation
ATAVRFBKIT / EVLD001 User Guide
4-13
7597A–AVR–02/06
4.4.2
Lamp Sequential
Step Description
After PB2 (boost voltage at 380V) = > 2.380V start preheat
Enable PD6 rectified lamp voltage sense
Enable PB0 and PB1 ½ bridge drive output
PB0 & PB1 12.5µS total period (80 KHz) 50% duty 180° out of phase.
Check PB4 > 20mV, then 2 lamps. If PB4 < 20mV assume a single lamp.
If PB4 < 10mV assume an empty fixture = fault & shutdown.
Determine the lamp intensity control method DALI (presence of data stream at PD4),
Swiss (presence of 50/60 Hz modulated 0 – 10V at PB6) or 0 - 10V (constant non-zero
voltage) at PB6.
4.4.3
Start and Ignition
Sequential Step
Description
Sweep PB0 and PB1 frequency down at 30KHz/sec or 33µS/sec rate.
Stop sweep at 40KHz or 25µS period (12.5µS pulses for each ½ bridge FET)
Check PB4 > 100mV (2 lamps) or > 30mV (1 lamp) for proof of ignition.
Hold ignition frequency for 10mS.
If no PD6 voltage, collapse to < 200mV for proof of ignition, increase frequency to
77KHz for preheat for 1 second.
Repeat ignition sequence 6 times then if fails, set DALI fail flag or shut down.
Disable if dimmed frequency > 60 KHz. Disable if single lamp.
Proceed to power setting command at 30KHz/sec rate as established by external con-
trol or if no internal control proceed to PB4 195mV at input terminals before gain (about
32KHz) for 100% power.
If Swiss control, proceed to max power. The Swiss continuous switch closure will cause
progressive increase in frequency at 33KHz per second. The exception for a single lamp
will be minimum frequency for 97mV (39 watts) at PB4 for 100% brightness. This is the
default power for a single lamp with no dimming.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com