Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXDN0036 Datasheet(PDF) 38 Page - IXYS Corporation

Part # IXDN0036
Description  Several lamp types
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXDN0036 Datasheet(HTML) 38 Page - IXYS Corporation

Back Button IXDN0036 Datasheet HTML 33Page - IXYS Corporation IXDN0036 Datasheet HTML 34Page - IXYS Corporation IXDN0036 Datasheet HTML 35Page - IXYS Corporation IXDN0036 Datasheet HTML 36Page - IXYS Corporation IXDN0036 Datasheet HTML 37Page - IXYS Corporation IXDN0036 Datasheet HTML 38Page - IXYS Corporation IXDN0036 Datasheet HTML 39Page - IXYS Corporation IXDN0036 Datasheet HTML 40Page - IXYS Corporation IXDN0036 Datasheet HTML 41Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 38 / 41 page
background image
Conclusion
ATAVRFBKIT / EVLD001 User Guide
7-39
7597A–AVR–02/06
7.5
Appendix 5:
Schematics
5
5
4
4
3
3
2
2
1
1
D
D
C
C
B
B
A
A
BOOSTVSUP
BOOSTVSUP
BOOSTVSUP
VDC
15V
VCC
VCC
15V
VCC
VCC
VCC
VCC
VCC
VCC
VCC
VCC
Isense GND
Isense GND
Isense GND
Isense GND
Isense GND
PB7ADC4
PD7 ACMP0
PD6 ACD3
PB0
PB1
PD5 ACMP2
PD0
HF_OUT
PB5 ADC6
PB4 AMP0+
PB2 ADC5
SWISS
BOOST10V
Title
Size
Document Number
Rev
Date:
Sheet
of
C-2346-2
3.1
C
12
Friday, September 23, 2005
Ballast Power Section
WL Williamson & ASSOC
Title
Size
Document Number
Rev
Date:
Sheet
of
C-2346-2
3.1
C
12
Friday, September 23, 2005
Ballast Power Section
WL Williamson & ASSOC
Title
Size
Document Number
Rev
Date:
Sheet
of
C-2346-2
3.1
C
12
Friday, September 23, 2005
Ballast Power Section
WL Williamson & ASSOC
LAMP VOLT DET.
END OF LIFE DC & AC
DAC CONTROLLED WINDOW
COMP.
HAVERSINE TEST
RESONANT CAP
400V BUS TEST
HIGH FET CURRENT
ALARM
CURRENT SENSE FOR
POWER CALC
LAMP MISSING DET.
LAMP CURRENT DET.
0.8 V
RECT. LAMP VOLTAGE DET.
IGNITION, RAMP, MISSING LAMP DET.
ANALOG INPUT
1.25 TO 2.75 NORMAL
1.00 TO 3.00 END OF
LIFE T8
OVERTEMP DET.
0.264 V @ 80C
1.1V @ 25C
250 uA MAX.
OPEN FILAMENTS DETECTED BY 1/2 BRIDGE CURRENT, ONE LAMP
JUMPER, & RECT LAMP VOLTAGE. OPTION IN CODE TO ACCEPT
ONE LAMP W/DALI FLAG OR FAULT.
PRELIMINARY
75-WYO222MCMBF0K
DF10SDI-ND
PLK1069-ND
75-F17724332000
P7186-ND
75-MKP1840410634
MURS160DICT-ND
P5948-ND
22uF@450V
PPC62KW-3JCT-ND
62K 3W
505-M100.01/2000/5
NOTES:
Swiss Control
VBUS
TO-220
2
1
3
CLOSE
PROXIMITY
TP-6
TP-8
TP-7
REMOVE FOR SINGLE LAMP OP.
REMOVE FOR SINGLE LAMP OP.
CLOSE TO U2
3 AMPS PEAK
110/220-VIN
Flourescent Lamp
Flourescent Lamp
SINGLE LAMP OP
VOLTAGE DOUBLER
-+
BR1
600V
-+
BR1
600V
1
2
TP4
GND
TP4
GND
D18 LL4148-13
D18 LL4148-13
R30
460 K
R30
460 K
Q4
IXTP3N50P
Q4
IXTP3N50P
TP6
GATEDR
TP6
GATEDR
D4
1A-600V/FR
D4
1A-600V/FR
R20
400K
R20
400K
R10
1M
R10
1M
C11
.01uF 1500V FILM
C11
.01uF 1500V FILM
T4B
TRANSFORMER
T4B
TRANSFORMER
S
2
F
11
R15
22K
R15
22K
RV1
VARISTOR265VAC
RV1
VARISTOR265VAC
D8
MBRS140CT
D8
MBRS140CT
R13
1M
R13
1M
T1
LPFC
T1
LPFC
TP9
GATELO
TP9
GATELO
R34
10K
R34
10K
R27
1K
R27
1K
C8
1uF
C8
1uF
D26
LL4148-13
D26
LL4148-13
D14
LL4148-13
D14
LL4148-13
R11
200 OHM 3 W
R11
200 OHM 3 W
R72
100
R72
100
T4E
TRANSFORMER
T4E
TRANSFORMER
S
6
F
7
C4
.1uF 600V
C4
.1uF 600V
D2
15V Zener
D2
15V Zener
C1
1800 pF 250VAC
C1
1800 pF 250VAC
D16
LL4148-13
D16
LL4148-13
C13
.1uF 600V
C13
.1uF 600V
C5
1 nF 600 V
C5
1 nF 600 V
D27
1A-600V/FR
D27
1A-600V/FR
R24
400K
R24
400K
Q1
IXTP02N50D
Q1
IXTP02N50D
1
Q3
IXTP3N50P
Q3
IXTP3N50P
C17
5 nF
C17
5 nF
C19
.001uF
C19
.001uF
C6
47 uF
C6
47 uF
T4A
TRANSFORMER
T4A
TRANSFORMER
S
1
F
12
R22
200 OHM 3 W
R22
200 OHM 3 W
D28
LL4148-13
D28
LL4148-13
R25
1M
R25
1M
JP2
JUMPER
JP2
JUMPER
D17
LL4148-13
D17
LL4148-13
C10
.02 uF
C10
.02 uF
D15
1A-600V/FR
D15
1A-600V/FR
D9
LL4148-13
D9
LL4148-13
R9
1M
R9
1M
TP3
15V
TP3
15V
D3
LL4148-13
D3
LL4148-13
R2
18K
R2
18K
R31
200K
R31
200K
R3
100 OHM
R3
100 OHM
D10
1A-600V/FR
D10
1A-600V/FR
D11
LL4148-13
D11
LL4148-13
C18
220nF 100V
C18
220nF 100V
T4D
TRANSFORMER
T4D
TRANSFORMER
S
5
F
8
R29
1.2K
R29
1.2K
TP8
GATEHI
TP8
GATEHI
C2
1nF
C2
1nF
D1
1A-600V/FR
D1
1A-600V/FR
Q5
IXTP3N50P
Q5
IXTP3N50P
R6
20K
R6
20K
D13
MBRS140CT
D13
MBRS140CT
R23
27
R23
27
t
RT1
10K @ 25C
t
RT1
10K @ 25C
R12
27
R12
27
TP7
VCC
TP7
VCC
C3
250VAC
C3
250VAC
L1
CM CHOKE
L1
CM CHOKE
D7
LL4148-13
D7
LL4148-13
C9
50uF 475V
C9
50uF 475V
R19
27
R19
27
U1
IXI859S1
U1
IXI859S1
VSUP
7
VOUT
2
VCC
1
GATE
5
NC
3
IN
4
GND
6
VCAP
8
C16
5 nF
C16
5 nF
R73
22 OHM
R73
22 OHM
D6
MBRS140CT
D6
MBRS140CT
T3
BALANCE
T3
BALANCE
1
6
4
9
FL2
CONNECTOR
FL2
CONNECTOR
R21
200 OHM 3 W
R21
200 OHM 3 W
C12
.1uF
C12
.1uF
C14
.1 uF 600V FILM
C14
.1 uF 600V FILM
R5
1K
R5
1K
TP5
GND
TP5
GND
R26
1K
R26
1K
C7
10uF 25V
C7
10uF 25V
C21
220nF 100V
C21
220nF 100V
T4C
TRANSFORMER
T4C
TRANSFORMER
S
3
F
10
R28
1 /1%
R28
1 /1%
D12
LL4148-13
D12
LL4148-13
J1
CONNECTOR
J1
CONNECTOR
1
2
3
4
C46
.022uF
C46
.022uF
R18
100K 1/4W
R18
100K 1/4W
R14
1M
R14
1M
D5
LL4148-13
D5
LL4148-13
C22
220nF 100V
C22
220nF 100V
R33
1.8 K
R33
1.8 K
C20
220nF 100V
C20
220nF 100V
C15
.1uF
C15
.1uF
R32
200K
R32
200K
FL1
CONNECTOR
FL1
CONNECTOR
U2
IXD611S1
U2
IXD611S1
HO
7
HIN
2
VCC
1
LO
5
LIN
3
COM
4
VS
6
VB
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com