Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXDN0036 Datasheet(PDF) 27 Page - IXYS Corporation

Part # IXDN0036
Description  Several lamp types
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXDN0036 Datasheet(HTML) 27 Page - IXYS Corporation

Back Button IXDN0036 Datasheet HTML 23Page - IXYS Corporation IXDN0036 Datasheet HTML 24Page - IXYS Corporation IXDN0036 Datasheet HTML 25Page - IXYS Corporation IXDN0036 Datasheet HTML 26Page - IXYS Corporation IXDN0036 Datasheet HTML 27Page - IXYS Corporation IXDN0036 Datasheet HTML 28Page - IXYS Corporation IXDN0036 Datasheet HTML 29Page - IXYS Corporation IXDN0036 Datasheet HTML 30Page - IXYS Corporation IXDN0036 Datasheet HTML 31Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 41 page
background image
ATPWMx Demonstrator Software
6-28
ATAVRFBKIT / EVLD001 User Guide
7597A–AVR–02/06
The different states are outlined below:
PFC_OFF
Nothing happen, the exit from this state is requested by the Command Control state
machine in the Main_pwmx_fluo_demo.c file.
INIT_PFC_HAVERSINE_CHECK
Initialize the control values of the PFC.
Then jump to the HAVERSINE_CHECK state.
HAVERSINE_CHECK
Measure the haversine peak voltage during HAVERSINE_MIN_CHECK_TIME.
Then jump to the PFC_HAVERSINE_CHECK state.
PFC_HAVERSINE_CHECK
PFC haversine peak must be betw een H A VERSINE_PEAK_MIN and
HAVERSINE_PEAK_MAX (90VAC and 265VAC).
If the haversine value is OK, set the max pulse width allowed and jump to the
CONFIGURE_PFC_SOFT_START state.
Else go back to INIT_PFC_HAVERSINE_CHECK state.
CONFIGURE_PFC_SOFT_START
Configures the peripherals PSC0 and comparator0 to soft start the PFC.
Then jump to START_PFC_SOFT_START.
START_PFC_SOFT_START
Check that the soft start has been tried less than PFC_START_MAX_TRIES
If OK then start PSC0 and jump to PFC_SOFT_START state.
Else immediately jump to the PFC_PROBLEM state.
PFC_SOFT_START
The PFC soft start consists of PFC_MAX_START_SHOTS pulses configured by
PFC_SOFT_START_CONFIGURATION.
If a zero crossing detection appears, jump to the START_PFC_CONTROL_LOOP state
Else
go
to
INIT_PFC _HAVERSINE_CHECK,
PFC_DELAY_FOR_NEXT_PFC_SOFT_START, or PFC_PROBLEM state depending
on the different conditions detailed in the PFC diagram.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com