Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXDN0036 Datasheet(PDF) 32 Page - IXYS Corporation

Part # IXDN0036
Description  Several lamp types
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXDN0036 Datasheet(HTML) 32 Page - IXYS Corporation

Back Button IXDN0036 Datasheet HTML 28Page - IXYS Corporation IXDN0036 Datasheet HTML 29Page - IXYS Corporation IXDN0036 Datasheet HTML 30Page - IXYS Corporation IXDN0036 Datasheet HTML 31Page - IXYS Corporation IXDN0036 Datasheet HTML 32Page - IXYS Corporation IXDN0036 Datasheet HTML 33Page - IXYS Corporation IXDN0036 Datasheet HTML 34Page - IXYS Corporation IXDN0036 Datasheet HTML 35Page - IXYS Corporation IXDN0036 Datasheet HTML 36Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 41 page
background image
ATAVRFBKIT / EVLD001 User Guide
7-33
7597A–AVR–02/06
Section 7
Conclusion
The ballast demonstrator shows that the AT90PWMx microcontroller can control and
regulate fluorescent lamps from any of the three (DALI, 0 – 10VDC & SWISS) methods
of dimming. It can automatically sense the control method used thereby providing lamp
controller manufacturers with maximum flexibility in their design. One or more lamps can
be controlled with flexibility and precision. Universal input and power factor control adds
to the flexibility of the design with a minimal addition of more expensive active
components.
Additionally, the programmability of the microcontroller offers the lamp manufacturer the
flexibility to add more design features than are shown here to enhance their market
position. The ballast demonstrator, with it's many features, does not address all the pos-
sibilities available to the lamp controller designer.
7.1
Appendix 1:
SWISS DIM
The SwissDIM allows dimming control using a simple switch connected to the mains
phase.
SwissDIM operation
The SwissDIM operation is as follows:
With the lamp switched on:
A short push switches the luminary off and stores the current light level.
A long push gradually dims the light level. (Change direction by briefly taking your finger
off the button and pressing down again)
With the lamp switched off:
A short push switches the lamp on to the last light level used. (Optional: Use a soft start
from minimum level to last level used)
A longer push starts on the last light level used and gradually raises the light level to the
required brightness.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com