Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXDN0036 Datasheet(PDF) 22 Page - IXYS Corporation

Part # IXDN0036
Description  Several lamp types
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXDN0036 Datasheet(HTML) 22 Page - IXYS Corporation

Back Button IXDN0036 Datasheet HTML 18Page - IXYS Corporation IXDN0036 Datasheet HTML 19Page - IXYS Corporation IXDN0036 Datasheet HTML 20Page - IXYS Corporation IXDN0036 Datasheet HTML 21Page - IXYS Corporation IXDN0036 Datasheet HTML 22Page - IXYS Corporation IXDN0036 Datasheet HTML 23Page - IXYS Corporation IXDN0036 Datasheet HTML 24Page - IXYS Corporation IXDN0036 Datasheet HTML 25Page - IXYS Corporation IXDN0036 Datasheet HTML 26Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 41 page
background image
ATPWMx Demonstrator Software
ATAVRFBKIT / EVLD001 User Guide
6-23
7597A–AVR–02/06
I_LAMP_CONV
Get back the i_lamp result and depending on gv_lamp_on and gv_request_lamp_off,
start another I_LAMP_CONV conversion in order to increase the accuracy and resolu-
tio n o f the i_lamp me asurem ent then start ano th er cycle beg inn ing with a
V_HAVERSINE_CONV conversion.
If a lamp off (gv_request_lamp_off == 1) has been requested by the command control
task or a lamp fault mode on Lamp_ctrl.c file, the PSC2 and the amplifier0 are switched
off and the following variables are set at the following values:
•
gv_lamp_on = 0;
•
gv_lamp_state = LAMP_OFF;
•
gv_pfc_state =
SHUT_DOWN_PFC_AND_SLOW_DOWN_UC_SPEED;
Then a V_HAVERSINE CONV conversion is started.
6.1.2
ADC State Machine
Global Variables
6.1.2.1
Input variables
which have an
impact on ADC state
machine
• g_v_lamp_on is normally set only by the CONFIGURE_LAMP_PREHEAT state of
the Lamp state machine in the Lamp_ctrl.c file.
• gv_request_lamp_off can be set by the command control state machine in the case
the user requests to switch the lamp off.
6.1.2.2
Output variables
which can impact
the other state
machines
• g_v_lamp_on which can be cleared during the V_LAMP_CONV or I_LAMP_CONV
state in case the gv_request_lamp_off has been set by the command control state
machine.
• gv_lamp_state within the Lamp state machine in the Lamp_ctrl.c file can be set to
LAMP_OFF during the V_LAMP_CONV or I_LAMP_CONV state.
• gv_pfc_state within the PFC state machine in the Pfc_ctrl.c file can be set to
SHUT_DOWN_PFC_AND_SLOW_DOWN_UC_SPEED state during the
V_LAMP_CONV or I_LAMP_CONV state.
6.1.3
Miscellaneous
The gv_lamp_on checks during V_LAMP_CONV and I_LAMP_CONV states are nor-
mally useless because gv_lamp_on is reset only by the same states of the ADC state
machine.
6.1.4
COMMAND
CONTROL STATE
MACHINE
The Command Control state machine centralizes the 0-10V, SWISS, and DALI controls
in order to switch PFC operation On or Off and to set the lamp control instructions given
by the user.
The Command Control state machine functional diagram is shown below:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com